Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 136 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 136 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 132Page - Silicon Laboratories EM351-RTR Datasheet HTML 133Page - Silicon Laboratories EM351-RTR Datasheet HTML 134Page - Silicon Laboratories EM351-RTR Datasheet HTML 135Page - Silicon Laboratories EM351-RTR Datasheet HTML 136Page - Silicon Laboratories EM351-RTR Datasheet HTML 137Page - Silicon Laboratories EM351-RTR Datasheet HTML 138Page - Silicon Laboratories EM351-RTR Datasheet HTML 139Page - Silicon Laboratories EM351-RTR Datasheet HTML 140Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 241 page
background image
Rev 1.3
136
9.3.12. Timer Input XOR Function
The TIM_TI1S bit in the TIM1_CR2 register allows the input filter of channel 1 to be connected to the output of a
XOR gate that combines the three input pins TIMxC2 to TIMxC4.
The XOR output can be used with all the timer input functions such as trigger or input capture. It is especially useful
to interface to Hall effect sensors.
9.3.13. Timers and External Trigger Synchronization
The timers can be synchronized with an external trigger in several modes: reset mode, gated mode, and trigger
mode.
9.3.13.1. Slave Mode: Reset Mode
Reset mode reinitializes the counter and its prescaler in response to an event on a trigger input. Moreover, if the
TIM_URS bit in the TIMx_CR1 register is low, a UEV is generated. Then all the buffered registers (TIMx_ARR,
TIMx_CCRy) are updated.
In the following example, the up-counter is cleared in response to a rising edge on the TI1 input:

Configure the channel 1 to detect rising edges on TI1:

Configure the input filter duration. In this example, no filter is required so TIM_IC1F = 0000.

The capture prescaler is not used for triggering, so it is not configured.

The TIM_CC1S bits select the input capture source only, TIM_CC1S = 01 in the TIMx_CCMR1 register.

Write TIM_CC1P = 0 in the TIMx_CCER register to validate the polarity, and detect rising edges only.

Configure the timer in reset mode: Write TIM_SMS = 100 in the TIMx_SMCR register.

Select TI1 as the input source by writing TIM_TS = 101 in the TIMx_SMCR register.

Start the counter: Write TIM_CEN = 1 in the TIMx_CR1 register.
The counter starts counting on the internal clock, then behaves normally until the TI1 rising edge. When TI1 rises,
the counter is cleared and restarts from 0. In the meantime, the trigger flag is set (the INT_TIMTIF bit in the
INT_TIMxFLAG register) and an interrupt request can be sent if enabled (depending on the INT_TIMTIF bit in the
INT_TIMxCFG register).
Figure 9.27 shows this behavior when the auto-reload register TIMx_ARR = 0x36. The delay between the rising
edge on TI1 and the actual reset of the counter is due to the resynchronization circuit on the TI1 input.
Figure 9.27. Control Circuit in Reset Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com