Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 137 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 137 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 133Page - Silicon Laboratories EM351-RTR Datasheet HTML 134Page - Silicon Laboratories EM351-RTR Datasheet HTML 135Page - Silicon Laboratories EM351-RTR Datasheet HTML 136Page - Silicon Laboratories EM351-RTR Datasheet HTML 137Page - Silicon Laboratories EM351-RTR Datasheet HTML 138Page - Silicon Laboratories EM351-RTR Datasheet HTML 139Page - Silicon Laboratories EM351-RTR Datasheet HTML 140Page - Silicon Laboratories EM351-RTR Datasheet HTML 141Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 241 page
background image
137
Rev 1.3
9.3.13.2. Slave Mode: Gated Mode
In gated mode the counter is enabled depending on the level of a selected input.
In the following example, the up-counter counts only when the TI1 input is low:

Configure channel 1 to detect low levels on TI1:

Configure the input filter duration. In this example, no filter is required, so TIM_IC1F = 0000.

The capture prescaler is not used for triggering, so it is not configured.

The TIM_CC1S bits select the input capture source only, TIM_CC1S = 01 in the TIMx_CCMR1 register.

Write TIM_CC1P = 1 in the TIMx_CCER register to validate the polarity (and detect low level only).

Configure the timer in gated mode: Write TIM_SMS = 101 in the TIMx_SMCR register.

Select TI1 as the input source by writing TIM_TS = 101 in the TIMx_SMCR register.

Enable the counter: Write TIM_CEN = 1 in the TIMx_CR1 register. In gated mode, the counter does not
start if TIM_CEN = 0, regardless of the trigger input level.
The counter starts counting on the internal clock as long as TI1 is low and stops as soon as TI1 becomes high. The
INT_TIMTIF flag in the INT_TIMxFLAG register is set when the counter starts and when it stops. The delay
between the rising edge on TI1 and the actual stop of the counter is due to the resynchronization circuit on the TI1
input.
Figure 9.28 shows the counter in gated mode with counting enabled when TI1 is low.
Figure 9.28. Control Circuit in Gated Mode
9.3.13.3. Slave Mode: Trigger Mode
In trigger mode the counter starts in response to an event on a selected input.
In the following example, the up-counter starts in response to a rising edge on the TI2 input:

Configure channel 2 to detect rising edges on TI2:

Configure the input filter duration. In this example, no filter is required so TIM_IC2F = 0000.

The capture prescaler is not used for triggering, so it is not configured.

The TIM_CC2S bits select the input capture source only, TIM_CC2S = 01 in the TIMx_CCMR1 register.

Write TIM_CC2P = 0 in the TIMx_CCER register to validate the polarity and detect high level only.

Configure the timer in trigger mode: Write TIM_SMS = 110 in the TIMx_SMCR register.

Select TI2 as the input source by writing TIM_TS = 110 in the TIMx_SMCR register.
When a rising edge occurs on TI2, the counter starts counting on the internal clock and the INT_TIMTIF flag is set.
The delay between the rising edge on TI2 and the actual start of the counter is due to the resynchronization circuit
on the TI2 input.
Figure 9.29 illustrates the example in which the counter is started by a rising edge on TI2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com