Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
30 FDC Register Description (Continued)
TABLE 3-1 Register Description and Addresses
A2
A1 A0
IDENT
RW
Register
0
0
0
0
R
Status Register A
SRA
0
0
1
0
R
Status Register B
SRB
0
1
0
X
RW Digital Output Register
DOR
0
1
1
X
RW Tape Drive Register
TDR
1
0
0
X
R
Main Status Register
MSR
1
0
0
X
W
Data Rate Select Register
DSR
1
0
1
X
RW Data Register (FIFO)
FIFO
1
1
0
X
X
None (Bus TRI-STATE)
1
1
1
X
R
Digital Input Register
DIR
1
1
1
X
W
Configuration Control Register
CCR
Note
SRA and SRB are enabled by IDENT e 0 during a chip reset only
311 Status Register A (SRA)
Read Only
This read-only diagnostic register is part of the PS2 floppy
controller register set and is enabled when in the PS2 or
Model 30 mode This register monitors the state of the IRQ6
pin and some of the disk interface signals The SRA can be
read at any time when in PS2 mode In the PC-AT mode
D7 – D0 are TRI-STATE during a mP read
SRAPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IRQ6
DRV2
STEP
TRK0
HDSEL
INDX
WP
DIR
PEND
RESET
0
NA
0
NA
0
NA
NA
0
COND
D7
Interrupt Pending
This active high bit reflects the
state of the IRQ6 pin
D6
2nd Drive Installed
Active low status of the
DRV2 disk interface input indicating if a second
drive has been installed
D5
Step
Active high status of the STEP disk interface
output
D4
Track 0
Active low status of the TRK0 disk inter-
face input
D3
Head Select
Active high status of the HDSEL disk
interface output
D2
Index
Active low status of the INDEX disk interface
input
D1
Write Protect
Active low status of the WP disk in-
terface input
D0
Direction
Active high status of the DIR disk inter-
face output
SRA
Model 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IRQ6
DRQ
STEP
TRK0
HDSEL
INDX
WP
DIR
PEND
RESET
0
0
0
NA
1
NA
NA
1
COND
D7
Interrupt Pending
This active high bit reflects that
state of the IRQ6 pin
D6
DMA Request
Active high status of the DRQ signal
D5
Step
Active high status of the latched STEP disk
interface output This bit is latched with the STEP
output going active and is cleared with a read from
the DIR or with a hardware or software reset
D4
Track 0
Active high status of TRK0 disk interface
input
D3
Head Select
Active low status of the HDSEL disk
interface output
D2
Index
Active high status of the INDEX disk inter-
face input
D1
Write Protect
Active high status of the WP disk
interface input
D0
Direction
Active low status of the DIR disk inter-
face output
312 Status Register B (SRB)
Read Only
This read-only diagnostic register is part of the PS2 floppy
controller register set and is enabled when in the PS2 or
Model 30 mode The SRB can be read at any time when in
PS2 mode In the PC-AT mode D7 – D0 are TRI-STATE
during a mP read
SRBPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
1
1
DR0
WDATA
RDATA
WGATE
MTR1
MTR0
RESET
NA
NA
0
0
0
0
0
0
COND
D7
Reserved
Always 1
D6
Reserved
Always 1
D5
Drive Select 0
Reflects the status of the Drive Se-
lect 0 bit in the DOR (address 2 bit 0) It is cleared
after a hardware reset not a software reset
D4
Write Data
Every inactive edge transition of the
WDATA disk interface output causes this bit to
change states
D3
Read Data
Every inactive edge transition of the
RDATA disk interface output causes this bit to
change states
D2
Write Gate
Active high status of the WGATE disk
interface output
D1
Motor Enable 1
Active high status of the MTR1
disk interface output Low after a hardware reset
unaffected by a software reset
D0
Motor Enable 0
Active high status of the MTR0
disk interface output Low after a hardware reset
unaffected by a software reset
SRBModel 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DRV2
DR1
DR0
WDATA
RDATA
WGATE
DR3
DR2
RESET
NA
1
1
0
0
0
1
1
COND
D7
2nd Drive Installed
Active low status of the
DRV2 disk interface input
D6
Drive Select 1
Active low status of the DR1 disk
interface output
D5
Drive Select 0
Active low status of the DR0 disk
interface output
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com