Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 40Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 41Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 42Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 43Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 44Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 45Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 46Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
40 FDC Command Set Description (Continued)
TABLE 4-11 SK Effect on the Read Deleted Data Command
SK
Data Type
Sector Read
CM Bit (ST2)
Description of Results
0
Normal
Y
1
No Further Sectors Read
0
Deleted
Y
0
Normal Termination
1
Normal
N
1
Sector Skipped
1
Deleted
Y
0
Normal Termination
4110 Read Deleted Data Command
The Read Deleted Data command reads logical sectors
containing a Deleted Data AM from the selected drive and
makes the data available to the host mP This command is
identical to the Read Data command except for the setting
of the CM bit in ST2 and the skipping of sectors The effect
of SK on the Read Deleted Data command is summarized in
Table 4-11 See Table 4-10 for the state of the result bytes
for a Normal Termination of the command
Command Phase
MT
MFM
SK
0
1
1
0
0
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Execution Phase
Data read from disk drive is transferred
to system via DMA or Non-DMA modes
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
4111 Read ID Command
The Read ID command finds the next available Address
Field and returns the ID bytes (track head sector bytes per
sector) to the mP in the Result Phase There is no data
transfer during the Execution Phase of this command An
interrupt is generated when the Execution Phase is complet-
ed
The controller first simulates the Motor On time for the se-
lected drive internally The user must turn on the drive motor
directly by enabling the appropriate drive and motor select
disk interface outputs with the Digital Output Register
(DOR) The Read ID command does not perform an implied
seek
After waiting the Motor On time the controller starts the
Data Separator and waits for the Data Separator to find the
next sector Address Field If an error condition occurs the
IC bits in ST0 are set to Abnormal Termination and the
controller enters the Result Phase Possible errors are
1 The mP aborted the command by writing to the FIFO If
there is no disk in the drive the controller hangs up The
m
P must then take the controller out of this hung state by
writing a byte to the FIFO This puts the controller into the
Result Phase
2 Two index pulses were detected since the search began
and no AM has been found If the Address Field AM was
never found the MA bit is set in ST1
Command Phase
0
MFM
0
0
1
0
1
0
X
X
XXXHDDR1
DR0
Execution Phase
Controller reads first ID Field header
bytes it can find and reports these bytes to the system in the
result bytes
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
4112 Read A Track Command
The Read A Track command reads sectors in physical order
from the selected drive and makes the data available to the
host This command is similar to the Read Data command
with the following exceptions
1 The controller waits for the index pulse before searching
for a sector Address Field If the mP writes to the FIFO
before the index pulse the command enters the Result
Phase with the IC bits in ST0 set to Abnormal Termina-
tion
2 A comparison of the sector Address Field ID bytes will be
performed except for the sector number The internal
sector address is set to 1 and then incremented for each
successive sector read
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com