Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 10Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 11Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 12Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 16Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 17Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
PDACK
54
I
Printer DMA Acknowledge
Active low input to acknowledge the printer DMA request and enable the
RD and WR inputs during a DMA transfer This pin is PDACK input pin when bit 3 of PMC is 1 It is
IDENT when bit 3 of PMC is 0 PDACK input pin is ECP DMA acknowledge
PDACK is assumed to be 1 when bit 3 of PMC is 0
IDENT is assumed to be 1 when bit 3 of PMC is 1
This input is valid only in ECP mode
PDRQ
33
O
Printer DMA Request
Active high output to signal the DMA controller that a printer data transfer is
required This pin is in TRI-STATE when ECP is disabled (bit 2 of PCR is 0) or configured with no DMA
(bit 3 of PMC is 0) This output is valid only in ECP mode
PWDN
3I
Power Down
This multi-function pin stops the clocks andor the external crystal based on the
selections made in the Power and Test Register bits 1-2 This pin also affects the FDC UARTs IDE
and Parallel Port pins when the relevant PMC register bits are set (See ZWS for further information)
PE
83
I
Paper End
This input is set high by the printer when it is out of paper This pin has a nominal 25 kX
pull-down resistor attached to it (See WDATA and Table 7-5 for further information)
PNF
49
I
Printer Not Floppy
PNF is the Printer Not Floppy pin when bit 2 of FCR is 1 It selects the device
which is connected to the PPM pins A parallel printer is connected when PNF e 1 and a floppy disk
drive is connected when PNF e 0 This pin is the DRV2 input pin when bit 2 of FCR is 0 (See DRV2 for
further information)
RD
19
I
Read
Active low input to signal data read by the microprocessor
RDATA
Normal
35
I
Read Data
This input is the raw serial data read from the floppy disk drive
Mode
RDATA
PPM
91
I
Read Data
This pin provides an additional Read Data signal in PPM Mode when PNF e 0 (See PD3
and Table 7-5 for further information)
Mode
RI12
70 62
I
Ring Indicator
When low this indicates that a telephone ring signal has been received by the MODEM
The RI signal is a MODEM status input whose condition the CPU can test by reading bit 6 (RI) of the
MODEM Status Register (MSR) for the appropriate serial channel Bit 6 is the complement of the RI
signal Bit 2 (TERI) of the MSR indicates whether the RI input has changed from low to high since the
previous reading of the MSR
Note
When the TERI bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
RTS12
74 66
O
Request to Send
When low this output indicates to the MODEM or data set that the UART is ready to
exchange data The RTS signal can be set to an active low by programming bit 1 (RTS) of the MODEM
Control Register to a high level A Master Reset operation sets this signal to its inactive (high) state
Loop mode operation holds this signal to its inactive state (See CFG0 – 4 for further information)
SIN12
75 67
I
Serial Input
This input receives composite serial data from the communications link (eg peripheral
device MODEM or data set)
SLCT
82
I
Select
When a printer is connected it sets this input high This pin has a nominal 25 kX pull-down
resistor attached to it
SLIN
81
IO
Select Input
When this signal is low it selects the printer This pin is in a TRI-STATE condition 10 ns
aftera0is loaded into the corresponding Control Register bit The system should pull this pin high
using a 47 kX resistor (See ASTRB STEP and Table 7-5 for further information)
SOUT12
73 65
O
Serial Output
This output signal sends composite serial data to the communications link (eg
peripheral device MODEM or data set) The SOUT signal is set to a marking state (logic 1) after a
Master Reset operation (See BOUT and CFG0 – 4 for further information)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com