Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 8Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 9Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 10Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 11Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 12Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
IDEHI
56
O
IDE High Byte
This output enables the high byte data latch during a read or write to the hard drive if
the hard drive returns IOCS16 This output is inactive if the IDE interface is disabled via the
Configuration Register (See VLD0 for further information)
IDELO
55
O
IDE Low Byte
This output enables the low byte data latch during a read or write to the hard drive This
output is inactive if the IDE interface is disabled via the Configuration Register (See BADDR0 for
further information)
IDENT
54
I
Identity
During chip reset the IDENT and MFM pins are sampled to determine the desired mode of
operation according to the following table
IDENT
MFM
MODE
1
1 or NC
PC-AT Mode
1
0
Illegal
0
1 or NC
PS2 Mode
0
0
Model 30 Mode
AT Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B are
disabled (TRI-STATE)
Model 30 Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B
are enabled
PS2 Mode
The DMA enable bit in the DOR is a don’t care and the FDRQ and IRQ6 signals are
always enabled TC is active low Status Registers A and B are enabled
After chip reset the state of IDENT determines the polarity of the DENSEL output When IDENT is a
logic ‘‘1’’ DENSEL is active high for the 500 kbps1 Mbps2 Mbps data rates When IDENT is a logic
‘‘0’’ DENSEL is active low for the 500 kbps1 Mbps2 Mbps data rates (See Mode command for
further explanation of DENSEL)
IDLE
43
O
IDLE
This pin is IDLE output when bit 4 of PMC is 1 IDLE indicates that the FDC is in the IDLE state
and can be powered down Whenever the FDC is in IDLE state or whenever the FDC is in power-down
state the pin is active high This bit is MTR1 when bit 4 of the Power Management Control Register
(PMC) is 0
INDEX
Normal
47
I
Index
This input signals the beginning of a FDD track
Mode
INDEX
PPM
94
I
Index
This pin provides an additional Index signal in PPM Mode when PNF e 0
Mode
(See PD0 and Table 7-5 for further information)
INIT
80
IO
Initialize
When this signal is low it causes the printer to be initialized This pin is in a TRI-STATE
condition 10 ns aftera1is loaded into the corresponding Control Register bit The system should pull
this pin high using a 47 kX resistor (See DIR and Table 7-5 for further information)
IOCHRDY
53
O
IO Channel Ready
This is the IO Channel Ready open drain output when bit 7 of FCR is 0 When
IOCHRDY is driven low the EPP extends the host cycle This pin is the MFM output pin when bit 7 of
FCR is 1 (See MFM pin for further information)
IOCS16
59
I
IO Chip Select 16-bit
This input is driven by the peripheral device when it can accommodate a 16-bit
access
IRQ34
1 100
O
Interrupt 3 and 4
These are active high interrupts associated with the serial ports IRQ3 presents the
signal if the serial port has been designated as COM2 or COM4 IRQ4 presents the signal if the serial
port is designated as COM1 or COM3 The appropriate interrupt goes active whenever it is enabled via
the Interrupt Enable Register (IER) the associated Interrupt Enable bit (Modem Control Register bit 3
MCR3) and any of the following conditions are active Receiver Error Receive Data available
Transmitter Holding Register Empty or a Modem Status Flag is set The interrupt is reset low (inactive)
after the appropriate interrupt service routine is executed after being disabled via the IER or after a
Master Reset Either interrupt can be disabled putting them into TRI-STATE by setting the MCR3 bit
low
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com