Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 37Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 40Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 41Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 42Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 43Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
40 FDC Command Set Description (Continued)
418 Perpendicular Mode Command
The Perpendicular Mode command is designed to support
the unique Format and Write Data requirements of Perpen-
dicular (Vertical) Recording disk drives (4 Mbyte unformat-
ted capacity) The Perpendicular Mode command config-
ures each of the four logical drives as a perpendicular or
conventional disk drive Configuration of the four logical disk
drives is done via the D3 – 0 bits or with the GAP and WG
control bits This command should be issued during the ini-
tialization of the floppy controller
Command Phase
0
0
0100
1
0
OW
0
DC3
DC2
DC1
DC0
GAP
WG
Execution Phase
Internal registers are written
Result Phase
None
Perpendicular Recording drives operate in ‘‘Extra High Den-
sity’’ mode at 1 Mbps and 2 Mbps and are downward com-
patible with 144 Mbyte and 720 kbyte drives at 500 kbps
(High Density) and 250 kbps (Double Density) respectively
If perpendicular drives are present in the system this com-
mand should be issued during initialization of the floppy con-
troller which configures each drive as perpendicular or con-
ventional Then when a drive is accessed for a Format or
Write Data command the floppy controller adjusts the For-
mat or Write Data parameters based on the data rate select-
ed (see Table 4-6)
TABLE 4-6 Effect of Drive Mode and Data Rate on Format and Write Commands
Drive
GAP2 Length
Portion of GAP2
Data Rate
Mode
Written during
Re-Written by
Format
Write Data Command
250 kbps300 kbps500 kbps
Conventional
22 Bytes
0 Bytes
Perpendicular
22 Bytes
19 Bytes
1 Mbps2 Mbps
Conventional
22 Bytes
0 Bytes
Perpendicular
41 Bytes
38 Bytes
TABLE 4-7 Effect of GAP and WG on Format and Write Commands
Mode
GAP2 Length
Portion of GAP2
GAP
WG
Description
Written during
Re-Written by
Format
Write Data Command
0
0
Conventional
22 Bytes
0 Bytes
0
1
Perpendicular
22 Bytes
19 Bytes
(500 kbps)
1
0
Reserved
22 Bytes
0 Bytes
(Conventional)
1
1
Perpendicular
41 Bytes
38 Bytes
(1 Mbps2 Mbps)
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com