Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 93Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 94Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 95Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 96Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 97Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 98Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
90 Electrical Characteristics (Continued)
9314 Parallel Port Timing
Symbol
Parameter
Conditions
Typ
Max
Units
tPDH
Port Data Hold
(Note 1)
500
ns
tPDS
Port Data Setup
(Note 1)
500
ns
tPI
Port Interrupt
33
ns
tSW
STB Width
(Note 1)
500
ns
Note 1
These times are system dependent and are therefore not tested
TLC11930 – 39
FIGURE 9-14 Compatible Mode Parallel Port Interrupt Timing
TLC11930 – 40
FIGURE 9-15 Extended Mode Parallel Port Interrupt Timing
TLC11930 – 41
FIGURE 9-16 Typical Parallel Port Data Exchange
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com