Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
30 FDC Register Description (Continued)
The Mode command can also disable the FIFO for either
reads or writes separately The FIFO allows the system a
larger latency without causing a disk overrununderrun er-
ror The FIFO is typically utilized with multitasking operating
systems andor when running systems at or above a
1 Mbps data rate In its default state the FIFO is disabled
and contains a zero threshold The default state is entered
after a hardware reset
Data Register (FIFO)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
Data 70
RESET
Byte Mode
COND
During the Execution Phase of a command involving a data
transfer tofrom the FIFO
the system must respond
to a data transfer service request based on the following
formula
Maximum Allowable Data Transfer Service Time
(THRESH a 1) c 8 c tDRP b (16 c tICP)
This formula is good for all data rates with the FIFO enabled
or disabled THRESH is a four bit value programmed in the
Configure command which sets the FIFO threshold If the
FIFO is disabled THRESH is zero in the above formula The
last term of the formula (16 c tICP) is an inherent delay due
to the microcode overhead required by the FDC This delay
is also data rate dependent See Table 9-1 for the tDRP and
tICP times See Section 932 for a description of tDRP and
tICP
The programmable FIFO threshold (THRESH) is useful in
adjusting the floppy controller to the speed of the system In
other words a slow system with a sluggish DMA transfer
capability uses a high value of THRESH giving the system
more time to respond to a data transfer service request
(DRQ for DMA mode or IRQ6 for Interrupt mode) Converse-
ly a fast system with quick response to a data transfer serv-
ice request uses a low value of THRESH
318 Digital Input Register (DIR)
Read Only
This diagnostic register is used to detect the state of the
DSKCHG disk interface input and some diagnostic signals
The function of this register depends on its mode of opera-
tion When in the PC-AT mode the D6 – 0 are TRI-STATE to
avoid conflict with the fixed disk status register at the same
address DIR is unaffected by a software reset
DIRPC-AT Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DSKCHG
XXXXXXX
RESET
NA
NA
NA
NA
NA
NA
NA
NA
COND
D7
Disk Changed
Active high status of DSKCHG disk
interface input During power-down this bit is invalid
if it is read by the software
D6 – 0
Unused
by the FDC (at TRI-STATE) The bits are
used by the Hard Disk Controller Status Register
DIRPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DSKCHG
1
1
1
1
DRATE1
DRATE0
HIGH
DEN
RESET
NA
NA
NA
NA
NA
NA
NA
1
COND
D7
Disk Changed
Active high status of DSKCHG disk
interface input During power-down this bit is invalid
if it is read by the software
D6 – 3
Reserved
Always 1
D2 – 1
Data Rate Select 10
These bits indicate the
status of the DRATE1 – 0 bits programmed through
the DSR or CCR
D0
High Density
This bit is low when the 1 Mbps
2 Mbps or 500 kbps data rate is chosen and high
when the 300 kbps or 250 kbps data rate is chosen
This bit is independent of the IDENT value
DIRModel 30 Mode
D7
D6 D5 D4
D3
D2
D1
D0
DESC
DSKCHG
0
0
0
DMAEN NOPRE DRATE1 DRATE0
RESET
NA
0
0
0
0
0
1
0
COND
D7
Disk Changed
Active low status of DSKCHG disk
interface input During power-down this bit is invalid
if it is read by the software
D6 – 4
Reserved
Always 0
D3
DMA Enable
Active high status of the DMAEN bit
in the DOR
D2
No Precompensation
Active high status of the
NOPRE bit in the CCR
D1 – 0
Data Rate Select 10
These bits indicate the
status of the DRATE 1 – 0 bits programmed through
the DSR or CCR
319 Configuration Control Register (CCR)
Write Only
This is the write-only data rate register commonly used in
PC-AT applications This register is not affected by a soft-
ware reset and is set to 250 kbps after a hardware reset
The data rate of the floppy controller is determined by the
last write to either the CCR or DSR
CCRPC-AT and PS2 Modes
D7
D6
D5
D4
D3
D2
D1
D0
DESC
000000
DRATE1
DRATE0
RESET
NA
NA
NA
NA
NA
NA
1
0
COND
D7–2
Reserved
Should be set to 0
D1 – 0
Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-7 for
the appropriate values
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com