Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 37Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
40 FDC Command Set Description (Continued)
TABLE 4-1 Typical Format GAP3 Length Values based on Drive Data Rate
Sector
Sector
EOT
Sector
Format
Mode
Size
Code
(Hex)
Gap
GAP3
(Decimal)
(Hex)
(Hex) (Note 1)
(Hex) (Note 2)
250 kbps
256
01
12
0A
0C
MFM
256
01
10
20
32
512
02
08
2A
50
512
02
09
2A
50
1024
03
04
80
F0
2048
04
02
C8
FF
4096
05
01
C8
FF
500 kbps
256
01
1A
0E
36
MFM
512
02
0F
1B
54
512
02
12
1B
6C
1024
03
08
35
74
2048
04
04
99
FF
4096
05
02
C8
FF
8192
06
01
C8
FF
TABLE 4-2 Typical Format GAP3 Length Values Based on PC Compatible Diskette Media
Media
Sector
Sector
EOT
Sector
Format
Type
Size
Code
Hex
Gap
GAP3
Decimal
Hex
Hex
Hex
360k
512
02
09
2A
50
12M
512
02
0F
1B
54
720k
512
02
09
1B
50
144M
512
02
12
1B
6C
288M (Note 3)
512
02
24
1B
53
Note 1
Sector Gap refers to the Intersector Gap Length parameter specified in the Command Phase of the Read Write Scan and Verify commands Although
this is the recommended value the FDC treats this byte as a don’t care in the Read Write Scan and Verify commands
Note 2
Format Gap is the suggested value to use in the Format Gap parameter of the Format command This is the programmable GAP3 as shown in
Figure 4-1
Note 3
The 288M diskette media is a Barium Ferrite media intended for use in Perpendicular Recording drives at data rates up to 1 Mbps
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com