Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
30 FDC Register Description (Continued)
CCRModel 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
0
0
0
0
NOPRE
DRATE1
DRATE0
RESET
NA
NA
NA
NA
NA
NA
1
0
COND
D7–3
Reserved
Should be set to 0
D2
No Precompensation
This bit can be set by soft-
ware to indicate no precompensation It can be
read by bit D2 of the DIR when in the Model 30
register mode This bit is unaffected by a software
reset
D1 – 0
Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-7 for
the appropriate values
32 RESULT PHASE STATUS REGISTERS
The Result Phase of a command contains bytes that hold
status information The format of these bytes are described
below Do not confuse these status bytes with the Main
Status Register which is a read only register that is always
valid The Result Phase status registers are read from the
Data Register (FIFO) only during the Result Phase of certain
commands (see Section 41 Command Set Summary) The
status of each register bit is indicated when the bit is a 1
321 Status Register 0 (ST0)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IC
IC
SE
EC
0
HDS
DS1
DS0
RESET
00
0
0
0
0
0
0
COND
D7–6
Interrupt Code
00 e Normal Termination of Command
01 e Abnormal Termination of Command Execu-
tion of command was started but was not
successfully completed
10 e Invalid Command Issued Command issued
was not recognized as a valid command
11 e Internal drive ready status changed state dur-
ing the drive polling mode Only occurs after a
hardware or software reset
D5
Seek End
Seek Relative Seek or Recalibrate
command completed by the controller (Used during
a Sense Interrupt command)
D4
Equipment Check
After a Recalibrate command
Track 0 signal failed to occur (Used during Sense
Interrupt command)
D3
Not Used Always 0
D2
Head Select
Indicates the active high status of the
HDSEL pin at the end of the Execution Phase
D1 – 0
Drive Select 10
These two binary encoded bits
indicate the logical drive selected at the end of the
Execution Phase
00 e Drive 0 selected
01 e Drive 1 selected
10 e Drive 2 selected
11 e Drive 3 selected
322 Status Register 1 (ST1)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
ET
0
CE
OR
0
ND
NW
MA
RESET
00
0
0
0
0
0
0
COND
D7
End of Track
Controller transferred the last byte of
the last sector without the Terminal Count (TC) pin
64 (PQFPTQFP) becoming active The last sector
is the End of Track sector number programmed in
the Command Phase
D6
Not Used Always 0
D5
CRC Error
If this bit is set and bit 5 of ST2 is clear
then there was a CRC error in the Address Field of
the correct sector If bit 5 of ST2 is also set then
there was a CRC error in the Data Field
D4
Overrun
Controller was not serviced by the mP
soon enough during a data transfer in the Execution
Phase For read operations indicates a data over-
run For write operations indicates a data underrun
D3
Not Used Always 0
D2
No Data
Three possible problems
1 Controller cannot find the sector specified in the
Command Phase during the execution of a Read
Write Scan or Verify command An address
mark was found however so it is not a blank disk
2 Controller cannot read any Address Fields with-
out a CRC error during a Read ID command
3 Controller cannot find starting sector during exe-
cution of Read A Track command
D1
Not Writable
Write Protect pin is active when a
Write or Format command is issued
D0
Missing Address Mark
If bit 0 of ST2 is clear then
the controller cannot detect any Address Field Ad-
dress Mark after two disk revolutions If bit 0 of ST2
is set then the controller cannot detect the Data
Field Address Mark after finding the correct Ad-
dress Field
323 Status Register 2 (ST2)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
CM
CD
WT
SEH
SNS
BT
MD
RESET
0
000
0
0
0
0
COND
D7
Not Used Always 0
D6
Control Mark
Controller tried to read a sector
which contained a deleted data address mark dur-
ing execution of Read Data or Scan commands Or
if a Read Deleted Data command was executed a
regular address mark was detected
D5
CRC Error in Data Field
Controller detected a
CRC error in the Data Field Bit 5 of ST1 is also set
D4
Wrong Track
Only set if desired sector is not
found and the track number recorded on any sector
of the current track is different from the track ad-
dress specified in the Command Phase
D3
Scan Equal Hit
‘‘Equal’’ condition satisfied during
any Scan command
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com