Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 93Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 94Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 95Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 96Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 97Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 98Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
90 Electrical Characteristics (Continued)
9315 Enhanced Parallel Port Timing
Symbol
Parameter
Conditions
Min
Max
Units
tWW
WRITE Active from WR Active (Note 1)
45
ns
tWST
DSTRB or ASTRB Active from
EPP 17
45
ns
WR Active (Notes 1 2)
EPP 19
65
ns
tWEST
DSTRB or ASTRB Active after
EPP 17
0
ns
WRITE Active
EPP 19
10
ns
tWPDh
PD0 – 7 Hold after DSTRB or ASTRB Inactive
50
ns
tHRW
IOCHRDY Active after WAIT Active
EPP 17
40
ns
(Note 3)
tWPDS
PD0 – 7 Valid after WRITE Active
D0 – 7 is Stable 15 ns
15
ns
before WR Active
tEPDW
PD0 – 7 Valid
80
ns
tEPDh
PD0 – 7 Invalid after DSTRB or ASTRB Inactive
0
ns
tZWSa
ZWS Valid after WR or RD Active
45
ns
tZWSh
ZWS Hold after WR or RD Inactive
0
ns
Note 1
tWST and tWW are valid in EPP 19 only if WAIT is low when WR becomes active else tWST and tWW are measured from WAIT
Note 2
The PC87334 design guarantees that WRITE will not change from low to high before DSTRB or ASTRB goes from low to high
Note 3
In EPP 19 IOCHRDY is measured from WR or RD
TLC11930 – 42
FIGURE 9-17 Enhanced Parallel Port Timing
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com