Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
30 FDC Register Description (Continued)
D4
Write Data
Active high status of latched WDATA
signal This bit is latched by the inactive going edge
of WDATA and is cleared by a read from the DIR
This bit is not gated by WGATE
D3
Read Data
Active high status of latched RDATA
signal It is latched by the inactive going edge of
RDATA and is cleared by a read from the DIR
D2
Write Gate
Active high status of latched WGATE
signal This bit is latched by the active going edge of
WGATE and is cleared by a read from the DIR
D1
Drive Select 3
Active low status of the DR3 disk
interface output
Note
The MTR3 MTR2 DRV3 DRV2 pins are only available in
four drive mode (bit 4 of FER is 1) and require external logic
D0
Drive Select 2
Active low status of the DR2 disk
interface output
Note
The MTR3 MTR2 DRV3 DRV2 pins are only available in
four drive mode (bit 4 of FER is 1) and require external logic
313 Digital Output Register (DOR)
ReadWrite
The DOR controls the drive select and motor enable disk
interface outputs enables the DMA logic and contains a
software reset bit The contents of the DOR are set to 00h
after a hardware reset and is unaffected by a software re-
set The DOR can be written to at any time
DOR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
MTR3 MTR2 MTR1 MTR0 DMAEN RESET
DRIVE DRIVE
SEL 1
SEL 0
RESET
0000
0
0
0
0
COND
D7
Motor Enable 3
This bit controls the MTR3 disk
interface output A 1 in this bit causes the MTR3 pin
to go active
D6
Motor Enable 2
Same function as D7 except for
MTR2
D5
Motor Enable 1
Same function as D7 except for
MTR1 (See bit 4 of FCR for further information)
D4
Motor Enable 0
Same function as D7 except for
MTR0 (See bit 4 of FCR for further information)
D3
DMA Enable
This bit has two modes of operation
PC-AT mode or Model 30 mode Writinga1to this
bit enables the DRQ DACK TC and IRQ6 pins
Writinga0to this bit disables the DACK and TC pins
and puts the DRQ and the IRQ6 pins in TRI-STATE
D3 is a 0 after a reset when in these modes
PS2 mode This bit is reserved and the DRQ
DACK TC and IRQ6 pins are always enabled Dur-
ing a reset the DRQ DACK TC and IRQ6 lines
remain enabled and D3 is 0
D2
Reset Controller
Writinga0to this bit resets the
controller It remains in the reset condition until a 1
is written to this bit A software reset does not affect
the DSR CCR and other bits of the DOR A soft-
ware reset affects the Configure and Mode com-
mand bits (See Section 40 FDC Command Set De-
scription) The minimum time that this bit must be
low is 100 ns Thus toggling the Reset Controller bit
during consecutive writes to the DOR is an accept-
able method of issuing a software reset
D1D0 Drive Select
These two bits are binary encoded for
the four drive selects DR0 – DR3 so that only one
drive select output is active at a time (See bit 4 of
FCR for further information)
It is common programming practice to enable both the mo-
tor enable and drive select outputs for a particular drive
Table 3-2 below shows the DOR values which enable each
of the four drives
TABLE 3-2 Drive Enable Values
Drive
DOR Value
0
1Ch
1
2Dh
2
4Eh
3
8Fh
Note
The MTR3 MTR2 DRV3 DRV2 pins are only available in four drive
mode (bit 4 of FER is 1) and require external logic
314 Tape Drive Register (TDR)
ReadWrite
This register is used to assign a particular drive number to
the tape drive support mode of the data separator All other
logical drives can be assigned as floppy drive support Any
future reference to the assigned tape drive invokes tape
drive support The TDR is unaffected by a software reset
This register holds the media sense information of the flop-
py disk drive When bit 0 of FCR is 1 bits 2 – 7 of TDR are
TRI-STATE during read
TDR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
ED
HD
Valid
XXX
TAPE
TAPE
Data
SEL 1
SEL 0
RESET
X
X
X
NA
NA
NA
0
0
COND
D7
Extra Density
When bit 5 is 0 this media ID bit is
used with bit 6 to indicate the type of media currently
in the active floppy drive If bit 5 is 1 it is invalid This
bit holds MSEN1 pin value When PPM is enabled
and PNF is 0 it holds the PD7 pin value See Table
3-3 for details regarding bits 5 – 7
D6
High Density
When bit 5 is 0 this media ID bit is
used with bit 7 to indicate the type of media currently
in the active floppy drive If bit 5 is 1 it is invalid This
bit holds MSEN0DRATE0 pin value When PPM is
enabled and PNF is 0 it holds the PD5 pin value
See Table 3-3 for details regarding bits 5 – 7
Note
Bits 6 and 7 of TDR are undefined when DRID01 pins are
configured as DRATE01
D5
Valid Data
The state of bit 5 is determined by the
state of the VLD01 pins during reset If this bit is 0
there is valid media ID sense data in bits 7 and 6 of
this register Bit 5 holds VLD0 when drive 0 is ac-
cessed and media sense is configured It holds
VLD1 when drive 1 is accessed and media sense is
configured Otherwise it is set to 1 to indicate that
media information is not available See Table 3-3 for
details regarding bits 5 – 7
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com