Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 68Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 69Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 70Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 71Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 72Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 73Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 74Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 75Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
70 Parallel Port (Continued)
TABLE 7-5 EPP Register Addresses
A2
A1
A0
Address
Register
Access
Description
0
0
0
0
Data (DTR)
RW
A write to this register sets the state of the eight data pins on the 25-pin
D-shell connector
0
0
1
1
Status (STR)
R
A read from this register presents the system micro-processor with the real-
time status of five pins on the 25-pin D-shell connector and the IRQ
0
1
0
2
Control (CTR)
RW
A write operation to this register sets the state of four pins on the 25-pin
D-shell connector and controls both the parallel port interrupt enable and
direction
0
1
1
3
Address
RW
A write operation to this register initiates an EPP deviceregister selection
operation
1
0
0
4
Data Port 0
RW
Accesses to this port initiate device read or write operations with bits 0 – 7
1
0
1
5
Data Port 1
RW
This port is only accessed to transfer bits 8 to 15 of a 16-bit read or write to
data port 0
1
1
0
6
Data Port 2
RW
This port is only accessed to transfer bits 16 to 23 of a 32-bit read or write to
data port 0
1
1
1
7
Data Port 3
RW
This port is only accessed to transfer bits 24 to 31 of a 32-bit read or write to
data port 0
The software must write zero to bits 0 1 and 3 of the CTR
register before accessing the EPP registers since the pins
controlled by these bits are controlled by hardware during
EPP access Once these bits are written with zero the soft-
ware may issue multiple EPP access cycles The software
must set bit 7 of the PTR register to 1 if bit 5 of CTR is to
control direction
To meet the EPP 19 specifications the software should
change direction (bit 5 of CTR) only when bit 7 of STR is 1
(ie change direction at EPP Idle Phase as defined in the
IEEE 1284 document)
When bit 7 of PTR is 0 EPP cycles to the external device
are generated by invoking read or write cycles to the EPP
When bit 7 of PTR is 1
1 Reading an EPP register during forward direction (bit 5 of
CTR is 0) is allowed only in EPP 17 It returns the regis-
ter latched value (not the PD0 – 7 pins’ value) and does
not generate an EPP read cycle
2 Writing to an EPP register during backward direction (bit
5 of CTR is 1) updates the register data and does not
generate an EPP write cycle
EPP 17 Address Write
The following procedure selects a peripheral device or reg-
ister See also
Figure 7-1
1 The host writes a byte to the EPP address register WR
goes low to latch D0 – 7 into the address register The
latch drives the address register onto PD0 – 7 and the
EPP pulls WRITE low
2 The EPP pulls ASTRB low to indicate that data has been
sent
3 If WAIT is low during the host write cycle IOCHRDY
goes low
When WAIT goes high the EPP pulls IOCHRDY high
4 When IOCHRDY goes high it causes WR to go high If
WAIT is high during the host write cycle then the EPP
does not pull IOCHRDY to low
5 When WR goes high it causes the EPP to pull WRITE
and ASTRB to high
Only when WRITE and ASTRB are high can the EPP
change PD0 – 7
TLC11930 – 15
FIGURE 7-1 EPP 17 Address Write
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com