Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 65Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 66Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 67Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 68Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 69Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 70Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 71Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 72Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
60 Serial Ports (Continued)
67 INTERRUPT ENABLE REGISTER (IER)
This register enables the five types of UART interrupts
Each interrupt can individually activate the appropriate inter
rupt (IRQ3 or IRQ4) output signal It is possible to totally
disable the interrupt system by resetting bits 0 through 3 of
the Interrupt Enable Register (IER) Similarly setting bits of
this register to 1 enables the selected interrupt(s) Disabling
an interrupt prevents it from being indicated as active in the
IIR and from activating the interrupt output signal All other
system functions operate in their normal manner including
the setting of the Line Status and MODEM Status Registers
Table 6-2 shows the contents of the IER Details on each bit
follow See MODEM Control Register bit 3 for more informa-
tion on enabling the interrupt pin
Bit 0
When set to 1 this bit enables the Received Data
Available Interrupt and Timeout Interrupt in the
FIFO Mode
Bit 1
This bit enables the Transmitter Holding Register
Empty Interrupt when set to 1
Bit 2
This bit enables the Receiver Line Status Inter-
rupt when set to logic 1
Bit 3
This bit enables the MODEM Status Interrupt
when set to logic 1
Bits 4 – 7
These four bits are always logic 0
68 MODEM CONTROL REGISTER (MCR)
This register controls the interface with the MODEM or data
set (or a peripheral device emulating a MODEM) The con-
tents of the MODEM Control Register (MCR) are indicated
in Table 6-2 and are described as follows
Bit 0
This bit controls the Data Terminal Ready (DTR)
output When it is set to 1 the DTR output is
forced to a logic 0 When it is reset to 0 the DTR
output is forced to 1 In Local Loopback Mode
this bit controls bit 5 of the MODEM Status Regis-
ter
Note
The DTR and RTS output of the UART may be applied
to an EIA inverting line driver (such as the DS1488) to
obtain the proper polarity input at the MODEM or data
set
Bit 1
This bit controls the Request to Send (RTS) out-
put Its effect on the RTS output is identical to that
described above for bit 0 In Local Loopback
Mode this bit controls bit 4 of the MODEM Status
Register
Bit 2
This bit is the OUT1 bit It does not have an output
pin associated with it It can be written to and read
by the CPU In Local Loopback Mode this bit con-
trols bit 6 of the MODEM Status Register
Bit 3
This bit enables the interrupt when set No exter-
nal pin is associated with this bit other than IRQ3
4 In Local Loopback Mode this bit controls bit 7
of the MODEM Status Register
Bit 4
This bit provides a Local Loopback feature for di-
agnostic testing of the UART When it is set to 1
the following changes take place the transmitter
Serial Output (SOUT) is set to the Marking (1)
state the receiver Serial Input (SIN) is disconnect-
ed the output of the Transmitter Shift Register is
‘‘looped back’’ (connected) to the Receiver Shift
Register the four MODEM Control inputs (DSR
CTS RI and DCD) are disconnected and the
DTR RTS OUT1 IRQ ENABLE bits in MCR are
internally connected to DSR CTS RI and DCD in
MSR respectively The MODEM Control output
pins are forced to their high (inactive) states In the
Loopback Mode data that is transmitted is imme-
diately received This feature allows the processor
to verify the transmit-and-received-data paths of
the serial port
In the Loopback Mode the receiver and transmit-
ter interrupts are fully operational The MODEM
Status Interrupts are also operational but the in-
terrupts’ sources are the lower four bits of MCR
instead of the four MODEM control inputs Writing
a 1 to any of these 4 MCR bits will cause an inter-
rupt In Loopback Mode the interrupts are still con-
trolled by the Interrupt Enable Register The IRQ3
and IRQ4 pins will be at TRI-STATE in the Loop-
back Mode
Bits 5 – 7
These bits are permanently set to 0
69 MODEM STATUS REGISTER (MSR)
This register provides the current state of the control lines
from the MODEM (or peripheral device) to the CPU In addi-
tion to this current-state information
four bits of the
MODEM Status Register provide change information These
bits are set to a logic 1 whenever a control input from the
MODEM changes state They are reset to logic 0 whenever
the CPU reads the MODEM Status Register Table 6-2
shows the contents of the MSR Details on each bit follow
Bit 0
This bit is the Delta Clear to Send (DCTS) indicator
It indicates that the CTS input to the chip has
changed state since the last time it was read by the
CPU
Bit 1
This bit is the Delta Data Set Ready (DDSR) indica-
tor It indicates that the DSR input to the chip has
changed state since the last time it was read by the
CPU
Bit 2
This bit is the Trailing Edge of Ring Indicator (TERI)
detector It indicates that the RI input to the chip has
changed from a low to a high state
Bit 3
This bit is the Delta Data Carrier Detect (DDCD) in-
dicator It indicates that the DCD input to the chip
has changed state
Note
Whenever bit 0 1 2 or 3 is set to logic 1 a MODEM Status
Interrupt is generated
Bit 4
This bit is the complement of the Clear to Send
(CTS) input If bit 4 (loopback) of the MCR is set to
1 this bit is equivalent to RTS in the MCR
Bit 5
This bit is the complement of the Data Set Ready
(DSR) input If bit 4 of the MCR is set to 1 this bit is
equivalent to DTR in the MCR
Bit 6
This bit is the complement of the Ring Indicator (RI)
input If bit 4 of the MCR is set to 1 this bit is equiva-
lent to OUT1 in the MCR
Bit 7
This bit is the complement of the Data Carrier De-
tect (DCD) input If bit 4 of the MCR is set to 1 this
bit is equivalent to IRQ ENABLE in the MCR
610 SCRATCHPAD REGISTER (SCR)
This 8-bit ReadWrite Register does not control the UART
in any way It is intended as a scratchpad register to be used
by the programmer to hold data temporarily
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com