Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
30 FDC Register Description (Continued)
D4 – 2
Precompensation Select
These three bits select
the amount of write precompensation the floppy
controller uses on the WDATA disk interface output
Table 3-5 shows the amount of precompensation
used for each bit pattern In most cases the default
values (Table 3-6) can be used however alternate
values can be chosen for specific types of drives
and media Track 0 is the default starting track num-
ber for precompensation The starting track number
can be changed in the Configure command
TABLE 3-5 Write Precompensation Delays
Bits 4 3 2
Precompensation Delay
TUP Bit 0e1
TUP Bit 1e1
24 MHz
48 MHz
111
00 ns
00 ns
001
417 ns
208 ns
010
833 ns
417 ns
011
1250 ns
625 ns
100
1667 ns
833 ns
101
2083 ns
1042 ns
110
2500 ns
1250 ns
000
DEFAULT
DEFAULT
TABLE 3-6 Default Precompensation Delays
Data Rate
Precompensation Delay
(24 MHz and 48 MHz)
2 Mbps
208 ns
1 Mbps
417 ns
500 kbps
1250 ns
300 kbps
1250 ns
250 kbps
1250 ns
D1 – 0
Data Rate Select 10
These bits determine the
data rate for the floppy controller See Table 3-7 for
the corresponding data rate for each D10 value
pair The data rate select bits are unaffected by a
software reset and are set to 250 kbps after a hard-
ware reset
TABLE 3-7 Data Rate Select Encoding
Bit 1
TUP
Data Rate Select
MFM
10
0
1
1
1 Mbps
0
0
0
500 kbps
0
0
1
300 kbps
0
1
0
250 kbps
1
1
1
2 Mbps
1
0
0
Illegal
1
0
1
Illegal
1
1
0
Illegal
This feature is not tested
317 Data Register (FIFO)
ReadWrite
The FIFO (readwrite) is used to transfer all commands
data and status between the mP and the FDC During the
Command Phase the mP writes the command bytes into the
FIFO after polling the RQM and DIO bits in the MSR During
the Result Phase the mP reads the result bytes from the
FIFO after polling the RQM and DIO bits in the MSR
Enabling the FIFO and setting the FIFO threshold is done
via the Configure command If the FIFO is enabled only the
Execution Phase byte transfers use the 16-byte FIFO The
FIFO is always disabled during the Command and Result
Phases of a controller operation A software reset will not
disable enabled FIFO if the Lock bit is set in the Lock Com-
mand After a hardware reset the FIFO is disabled to main-
tain compatibility with PC-AT systems
The 16-byte FIFO can be used for DMA Interrupt or soft-
ware polling type transfers during the execution of a read
write format or scan command In addition the FIFO can
be put into a Burst or Non-Burst mode with the Mode com-
mand In the Burst mode DRQ or IRQ6 remains active until
all of the bytes have been transferred to or from the FIFO In
the Non-Burst mode DRQ or IRQ6 is deasserted for 350 ns
to allow higher priority transfer requests to be serviced
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com