Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332VLJ Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332VLJ
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332VLJ Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87332VLJ Datasheet HTML 11Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 12Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 16Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 17Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 18Page - National Semiconductor (TI) PC87332VLJ Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
STB
95
IO
Data Strobe
This output signal indicates to the printer that valid data is available at the printer port
This pin is in a TRl-STATE condition 10 ns aftera0is loaded into the corresponding Control Register
bit The system should pull this pin high using a 47 kX resistor (See WRlTE for further information)
STEP
Normal
40
O
Step
This output signal issues pulses to the disk drive at a software programmable rate to move the
head during a seek operation
Mode
STEP
PPM
81
O
Step
This pin provides an additional step signal in PPM Mode when PNF e 0 (See SLIN ASTRB
and Table 7-5 for further information)
Mode
TC
6
I
TerminaI Count
Control signal from the DMA controller to indicate the termination of a DMA
transfer TC is accepted only when FDACK is active TC is active high in PC-AT and Model 30
modes and active low in PS2 mode
TRK0
Normal
37
I
Track 0
This input indicates to the controller that the head of the selected floppy disk drive is at
track zero
Mode
TRK0
PPM
93
I
Track 0
This pin provides an additional Track 0 signal in PPM Mode when PNF e 0 (See PD1 and
Table 7-5 for further information)
Mode
VDDB
50 99
Power Supply
This is the 33V or 5V supply voltage for the PC87332 circuitry
VDDC
VLD01
56 63
I
Valid Data
These input pins are sensed during reset and indicate the state of bit 5 in the FDC Tape
Drive Register (3F3h) They indicate whether bits 6 and 7 of this register contain valid media ID
information for floppy drives 0 and 1 If VLD0 is sensed low at reset then whenever drive 0 is
accessed bit 5 of the Tape Drive Register is a 0 indicating that bits 6 and 7 contain valid media ID
information If VLD0 is sensed high at reset then whenever drive 0 is accessed bit 5 of the Tape
Drive Register is a 1 indicating that bits 6 and 7 do not contain valid media ID information The same
is true of VLD1 relative to the media ID information for drive 1
If bit 0 of FCR is 1 the VLD bits have no meaning VLD0 value during reset is loaded into bit 0 of
FCR (to select between media sense or DRATE) A 30 kX internal pull-down resistor is on each pin
Usea10kX resistor to pull these pins to high during reset
VSSB VSSC
42 9
Ground
This is the ground for the PC87332 circuitry
VSSD VSSE
90 61
WAIT
84
I
Wait
This signal is used in EPP mode by the parallel port device to extend its access cycle It is
active low (See BUSY and Table 7-5 for further information)
WR
18
I
Write
Active low input signal to indicate a write from the microprocessor to the controller
WDATA
Normal
39
O
Write Data
This output is the write precompensated serial data that is written to the selected floppy
disk drive Precompensation is software selectable
Mode
WDATA
PPM
83
O
Write Data
This pin provides an additional Write Data signal in PPM Mode when PNF e 0 (See PE
and Table 7-5 for further information)
Mode
WGATE
Normal
38
O
Write Gate
This output signal enables the write circuitry of the selected disk drive WGATE has
been designed to prevent glitches during power up and power down This prevents writing to the disk
Mode
when power is cycled
WGATE
PPM
82
O
Write Gate
This pin provides an additional Write Gate signal in PPM Mode when PNF e 0 (See
SLCT and Table 7-5 for further information)
Mode
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com