Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 9Page - STMicroelectronics L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DocID028688 Rev 6
13/51
L9301
Discrete inputs
50
5
Discrete inputs
5.1
Output enable EN
The EN pin is the general output enable which allows the μC to immediately switch off the
output in case of need. Output driving is allowed only if this pin is driven to high level. The
device configuration can be changed only with EN pin driven to low level.
An internal pull down is present on the pin.
5.2
Output enable input IN1 to IN8
These inputs allow the outputs, depending on the configuration selected, to be enabled
without the use of the SPI. The SPI command and the IN1-8 input are logically OR'd
together.
A logic ‘1’ on this input will enable the correspondent output no matter what the status of the
SPI command register is. A logic ‘0’ on this input will disable this output if the SPI command
register is not commanding this output on. These pins can be left ‘open’ if the internal power
stages are controlled only via the SPI. This input has a nominal 100 kΩ pull down resistor to
GND, which will pull this pin to ground if an open circuit condition occurs. This input is ideally
suited for loads that are pulse width modulated (PWM'd). This allows PWM control without
the use of the SPI inputs.
Table 10. Output enable input IN1 to IN8
EN
RESET
INx
OUTx/DRNx/SRCx
X
0
X
OFF
0
X
X
OFF
1
1
0
OFF
11
1
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com