Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Discrete inputs
L9301
14/51
DocID028688 Rev 6
5.3
Reset input
When this input goes low it resets all the internal registers and switches off all the output
stages. This input has a nominal 100 kΩ resistor connected from this pin to the internal
3.3 V regulator, which will pull this pin to 3.3 V if an open circuit condition occurs.
Table 11. Electrical characteristic of EN, IN1...8, RES pin
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IN1...8,
EN,
RES
V_IH
Logic input high voltage -
1.75
VDD+0.3
V
V_IL
Logic input low voltage
-
-0.3
0.75
V
V_Ihys
Logic input hysteresis
-
100
1000
mV
IN1...8, EN
Ri_pd
Pull down resistor
Tested at 1.5 V
50
100
150
kΩ
RES
Ri_pu
Pull up resistor
Tested at 1.5 V,
R = (3.3-1.5)/Imeasure
50
100
150
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com