Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 41Page - STMicroelectronics L9301 Datasheet HTML 42Page - STMicroelectronics L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics L9301 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
DocID028688 Rev 6
45/51
L9301
SPI
50
13.5
SPI timings
Figure 13. SPI timing diagram
Table 27. SPI timing characteristics
No
Symbol
Parameter
Conditions
Min
Max
Units
1fop
Transfer frequency
Design Information
-
6
MHz
2tsclk
SCLK period
Design Information
167
-
ns
3tlead
Enable lead time
Design Information
750
-
ns
4tlag
Enable lag time
Design Information
100
-
ns
5tsclkhs
SCLK high time
Design Information
75
-
ns
6tsclkls
SCLK low time
Design Information
75
-
ns
7tsus
MOSI input setup time
Design Information
30
-
ns
8ths
MOSI input hold time
Design Information
30
-
ns
9ta
MISO access time
50 pF load
-
100
ns
10
tdis
MISO disable time
50 pF load
-
100
ns
11
tvs
MISO output valid time
50 pF load
-
70
ns
12
tho
MISO output hold time
50 pF load
10
-
ns
13
tr
MISO rise time
50 pF load
-
50
ns
14
tf
MISO fall time
50 pF load
-
50
ns
15
tcsn
CS negated time
Design Information
750
-
ns
16
tsh
SCLK Hold Time
Design Information
100
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com