Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics L9301 Datasheet HTML 21Page - STMicroelectronics L9301 Datasheet HTML 22Page - STMicroelectronics L9301 Datasheet HTML 23Page - STMicroelectronics L9301 Datasheet HTML 24Page - STMicroelectronics L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
DocID028688 Rev 6
23/51
L9301
Configurable high/low side driver
50
The charge pump is OFF if VB< UV threshold or VDD< UV threshold. The CP voltage is
equal to VB-Vbe.
When the CP is ON, the low CP diagnosis is enabled. When any HS is switched on but CP
voltage is not high enough to switch on HS, low CP fault is detected. A SPI bit allows
configuring the actions to be taken in case of low CP fault.
8.2.5
DLOSS
When the L9301 is configured with low side and external diodes are used for freewheeling,
there is the possibility through a dedicated SPI bit to enable the ‘diode loss’ diagnosis that is
used to detect if the external diode is no more connected checking if during the OFF phase
the internal clamp is activated. Another SPI bit allows configuring the actions to be taken in
case of DLOSS fault.
When the L9301 is configured as high side and internal/external diodes are used for
freewheeling, there is the possibility through a dedicated SPI bit to enable the ‘diode loss’
diagnosis that is used to detect if the diode is no more connected checking if during the OFF
phase the HS is forced to switch on. Another SPI bit allows configuring the actions to be
taken in case of DLOSS fault.
In addition, diode loss on LS (including configurable channels configured as LS) is only
detected when VBOV is not present.
8.2.6
OFF state diagnostic
The device provides the off-state diagnostic for each channel.
In low-side configuration the short to ground and open load faults can be detected. The fault
is reported in a SPI register.
Figure 9. LS configuration diagnostic
Table 14. Charge pump
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
CP
CP_DELTA Delta voltage CP-VB
VB>5V
3
-
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com