Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 20Page - STMicroelectronics L9301 Datasheet HTML 21Page - STMicroelectronics L9301 Datasheet HTML 22Page - STMicroelectronics L9301 Datasheet HTML 23Page - STMicroelectronics L9301 Datasheet HTML 24Page - STMicroelectronics L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Configurable high/low side driver
L9301
24/51
DocID028688 Rev 6
In high-side configuration the short to battery and open load faults can be detected. The
fault is reported in a SPI register.
Figure 10. HS configuration diagnostic
The diagnostic blanking time is configurable through the dedicated diagoff_blank_sel bit.
The OFF diagnosis is triggered at driver OFF CMD and will not be refreshed after clearing
the flags. To recover the OFF diagnosis in OFF stage, send SPI to disable OFF diagnosis
and then enable it.
Table 15. LS diagnostic
DIAGOL
DIAGLV
FAULT DETECTION
0
0
no fault
0
1
not possible
1
0
open load
1
1
short to ground
Table 16. HS diagnostic
DIAGOL
DIAGLV
FAULT DETECTION
0
0
short to ground
0
1
not possible
1
0
open load
1
1
no fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com