Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
DocID028688 Rev 6
31/51
L9301
Low side driver
50
9.3.6
OC comparator self-test
L9301 provides driver OC comparator self-test function. During OFF phase, the OC
comparator still works and the expected result is '1' due to high VDS. If L9301 detects OC '0'
during OFF phase, the SPI bit oc_comparator_f is set to '1'.
For OUT1-8, if a STG fault is present at OFF phase, the OC comparator inputs are still
forced to have OC '1'.
9.3.7
Electrical characteristics related to diagnosis
Table 21. Electrical characteristics related to diagnosis
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
OUT1-8
TOver_temperature_blanking
Over temperature
blanking time
Tested by scan
1
-
1.5
μs
TOver_temperature_filter
Over temperature filter
time
Tested by scan
2
-
5
μs
Ropen_load_LS
Min. resistor value
open load detection
Not tested
500
-
-
kΩ
IMAX_LS
Output current
Not tested
-
2.2
-
A
IOVC1_OUT1-4
Over current
threshold1 OUT1-4
-
123
A
IOVC2_ OUT1-4
Over current
threshold2 OUT1-4
-
345
A
IOVC1_OUT5-8
Over current
threshold1 OUT5-8
-
246
A
IOVC2_ OUT5-8
Over current
threshold2 OUT5-8
-6
8
10
A
TFLT_OVC_LS
Over current filtering
time
Tested by scan
3
-
5
μs
TFLT_diagoff_LS
Filtering open load
and short to GND
diag. off
Tested by scan
55
-
80
μs
Td_blank0_LS
Diagnosis blanking
time after switch-off
Tested by scan
600
-
900
μs
Td_blank1_LS
Diagnosis blanking
time after switch-off
Tested by scan
300
-
450
μs
VTOPEN_LS
Open load threshold
voltage
-
2.7
-
3.1
V
VOUTOPEN_LS
Open load output
voltage
Open load
condition
2,3
2.5
2,7
V
VTGND_LS
Output short-circuit to
GND voltage
threshold
-
1.9
-
2.3
V
IOUT_PD_LS
Output diagnostic pull-
down current @ OFF
STATE
OUTx = 5 V
40
70
100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com