Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics L9301 Datasheet HTML 36Page - STMicroelectronics L9301 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
DocID028688 Rev 6
33/51
L9301
Combined diagnosis (configuration 1, 2 & 3)
50
10
Combined diagnosis (configuration 1, 2 & 3)
In configuration 1, there are four couples of drivers in parallel to get four channels with lower
RdsON: OUT1 with OUT2, OUT3 with OUT4, HS1 with HS2, and HS3 with HS4. For each
couple, only one driver off diagnosis is enabled (OUT1, OUT3, HS1, HS3) while the off
diagnosis results are stored in both drivers registers. The other diagnosis of the two drivers
in parallel, as over-current, over-temperature and DLOSS, are both enabled.
In configuration 2 the off diagnosis is enabled for OUT1-4 only. Considering that the
diagnosis blanking time can be longer than the off time of PWM, the diagnosis results can
be affected. The short to GND fault can be detected by the HS OC fault when it is switched
on. The Open Load Fault can be detected when PWM is disabled (PWM disable SPI bit = 1)
only because in such a condition both HS and LS are OFF. In this condition the OUTx is
pulled down by LS off diagnosis pull down current (typical 70 μA) and it's necessary to wait
the time needed to discharge OUTx to get Open Load (OL) detection. The time to be
considered starts from the PWM disable bit writing.
In configuration 3 the off diagnosis is enabled for HS1-4 only. Considering that the diagnosis
blanking time can be longer than the off time of PWM, the diagnosis results can be affected.
The short to VB fault can be detected by the OC fault when it is switched on. The Open
Load Fault can be detected when PWM is disabled (PWM disable SPI bit = 1) only because
in such a condition both HS and LS are OFF. In this condition the OUTx is pulled up by HS
off diagnosis pull up current (typical 75 μA) and it's necessary to wait the time needed to
discharge OUTx to get Open Load (OL) detection. The time to be considered starts from the
PWM disable bit writing.
In PWM mode, configuration 2 and 3, unless the PWM enable SPI bit for OUT1-4 and
DRN/SRC1-4 are set, the eight drivers are all switched off.
Table 22. Configuration 2
Parameter
Test condition
Min.
Typ.
Max.
Unit
Minimum OFF time for
correct diagnostic (Blank
time 0)
Application note NOT TESTED
(ESD cap < 12 nF, Bit_blank = 0)
4140
-
-
μs
Minimum OFF time for
correct diagnostic (Blank
time 1)
Application note NOT TESTED
(ESD cap < 6 nF, Bit_blank=1)
2190
-
-
μs
Table 23. Configuration 3
Parameter
Test condition
Min.
Typ.
Max.
Unit
Minimum OFF time for
correct diagnostic (Blank
time 0)
Application note NOT TESTED
(ESD cap < 12 nF, Bit_blank = 0)
980
-
-
μs
Minimum OFF time for
correct diagnostic (Blank
time 1)
Application note NOT TESTED
(ESD cap < 6 nF, Bit_blank=1)
530
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com