Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 40Page - STMicroelectronics L9301 Datasheet HTML 41Page - STMicroelectronics L9301 Datasheet HTML 42Page - STMicroelectronics L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
SPI
L9301
44/51
DocID028688 Rev 6
SR13 (0x1D)
IC version register
SR14 (0x1E)
Bist status register
[2] oc: over current
0 = no over current
1 = over current
[1] t_sdl
0 = no over temperature
1 = over temperature
[0] t_sd
0 = no over temperature occurring
1 = over temperature occurring (live bit)
Note: address 0x11 is for LS1, 0x12 is for LS2… 0x19 is for HS1, 0x1A is for HS2 and so
on.
19
18
17
16
15
14
13
12
11
10
9876543210
RESERVE
silicon version
0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R)
[19:6] RESERVE: Reserve
[5:0] silicon version: silicon version
19
18
17
16
15
14
13
12
11
10
9876543210
RESERVE
0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R)
[19:3] RESERVE: Reserve
[2] lbist run
0 = bist is not currently running
1 = bist is currently running
[1] lbist end
0 = bist unfinished yet
1 = bist finished
[0] lbist pass
0 = bist is not finished yet or finished with error
1 = bist finished without error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com