Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics L9301 Datasheet HTML 21Page - STMicroelectronics L9301 Datasheet HTML 22Page - STMicroelectronics L9301 Datasheet HTML 23Page - STMicroelectronics L9301 Datasheet HTML 24Page - STMicroelectronics L9301 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
DocID028688 Rev 6
21/51
L9301
Configurable high/low side driver
50
DRN1-4
SRC1-4
IOUT_LK_HLS Output leakage current
HS configuration
DRNx = 13.5 V; SRCx = 0 V
--
10
μA
LS configuration
DRNx = 13.5 V; SRCx = 0 V
--
10
μA
VS/R_HLS
Voltage S/R on/off
HS/LS configuration
VB 13.5 V
Load: 8 Ω, 10 nF – From 80%
to 30% of DRNx(SRCx)
24
6
V/μs
HS/LS configuration
VB 13.5 V
Load: 8 Ω, 10 nF – From 80%
to 30% of DRNx(SRCx)
510
15
V/μs
Tturn-on_HLS Turn-on delay time
HS configuration
VB 13.5 V
From command to 10% SRCx
Load: 8 Ω, 10 nF
--
3
μs
LS configuration
VB 13.5 V
From command to 90% DRNx
Load: 8 Ω, 1 0nF
--
3
μs
Tturn-off_HLS Turn-off delay time
HS configuration
VB 13.5 V
From command to 90% SRCx
Load: 8 Ω, 10 nF
--
3
μs
LS configuration
VB 13.5 V
From command to 10% DRNx
Load: 8 Ω, 10 nF
--
3
μs
VCL_LS
Output clamping
voltage
LS configuration
I_load= 0.6 A T = 130 °C
34
37.5
41
V
LS configuration
I_load = 0.6 A, T = -40 °C and
25 °C
35
37.5
41
EclampSP_LS
Clamp repetitive pulse
energy ATE test
LS configuration
I_load = 0.7 A, Tj = 150 °C,
100 kpulses
--
5
mJ
EclampSP_LS
Clamp single pulse
energy ATE test
LS configuration
I_load = 0.7 A, Tj = 150 °C
--
10
Table 13. Configurable high/low side drivers 1-4 electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com