Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics L9301 Datasheet HTML 21Page - STMicroelectronics L9301 Datasheet HTML 22Page - STMicroelectronics L9301 Datasheet HTML 23Page - STMicroelectronics L9301 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Configurable high/low side driver
L9301
20/51
DocID028688 Rev 6
8
Configurable high/low side driver
The channels 1 to 4 can be configured as high or low side. In the low side configuration an
internal clamp is present.
In high side configuration, the DRNx are connected to VB pin in PCB. To guarantee the OC
(over current) function, the DRNx voltage is within the range of (VB-1 V, VB+1 V).
Figure 8. Configurable high/low side driver diagram
8.1
Electrical characteristics DRN/SRC1-4
5 V ≤ VB < 18 V; -40°C ≤ Tj ≤ 175°C unless otherwise specified.
Table 13. Configurable high/low side drivers 1-4 electrical characteristics
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DRN1-4
SRC1-4
RDS-on_HLS -
HS/LS configuration
VB = 13.5 V; I_load = 1 A
-
-
0.6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com