Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Low side driver
L9301
30/51
DocID028688 Rev 6
9.3.4
OFF state diagnostic
The device provides the off-state diagnostic for each channel.
The short to ground and open load faults can be detected. The fault is reported in a SPI
register.
Figure 12. LS configuration diagnostic
The diagnostic blanking time is configurable through the dedicated diagoff_blank_sel bit.
9.3.5
DLOSS
In case the device is configured as low side and external diodes are used for freewheeling,
there is the possibility through a dedicated SPI bit to enable the ‘diode loss’ diagnosis that is
used to detect if the external diode is no more connected checking if during the OFF phase
the internal clamp is activated. Another SPI bit allows to configure the actions to be taken in
case of DLOSS fault.
Table 20. LS diagnostic
DIAGOL
DIAGLV
FAULT DETECTION
0
0
no fault
0
1
not possible
1
0
open load
1
1
short to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com