Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
DocID028688 Rev 6
29/51
L9301
Low side driver
50
9.3
Driver diagnostic
9.3.1
Thermal protection
Each solenoid channel has a dedicated temperature sensor that continuously monitors the
temperature of the power MOS.
In case the temperature shut down is reached the related channel is turned off and the
dedicated diagnostic bits are set. t_sdl_x is the bit that latches the thermal shut down and it
is cleared after SPI read, t_sd_x is the other thermal shut down bit and once it is set by
thermal shut down condition it is cleared only when the Tj decreases below the thermal shut
down threshold (hysteresis). If the microcontroller, when the device is still in temperature
shut down condition (t_sd_x = 1), clears the t_sdl_x and tries to turn on the output, the
actuation will not be performed and the t_sdl_x will be set again. To avoid these multiple
interrupts the microcontroller can poll the t_sd_x bit and enable the next actuation only when
the bit is zero.
9.3.2
Overcurrent protection
An overcurrent protection is present for each driver OUT1...8. The overcurrent threshold is
selectable through oc_thres_x (where x indicates the channel). In case of overcurrent the
output driver is turned off, the related SPI command bit is set to 0 and a dedicated
diagnostic bit is set oc_x, where x indicates the channel where the fault occurred.
If bit oc_restart = 0, to restart the channel the microcontroller has to clear the fault bit
(reading the fault register), and to write to 1 the SPI command bit or to provide a rising edge
on the parallel input command.
If bit oc_restart = 1, the restart function is activated. The slew rate of the channel in fault
condition is automatically set to the higher value to limit dissipation issue then to restart the
channel the microcontroller has to write to 1 the SPI command bit or to provide a rising edge
on the parallel input command. The diagnostic bit oc_x can be cleared only by writing it to 0
in the corresponding driver status register by SPI however the channel can be restarted as
described above.
9.3.3
Output status
During the ON phase, the output voltage is compared with the VTopen threshold voltage in
order to verify if the output status is aligned with the ON command. If the OUTx voltage is
above the VTopen threshold a dedicated bit is set to indicate the anomaly.
OUT5-8
EclampSP_LS
Clamp repetitive
pulse energy ATE
test
LS configuration
I_load = 2.2 A, Tj = 150 °C,
100 kpulses
-
-
15
mJ
EclampSP_LS
Clamp single pulse
energy ATE test
LS configuration
I_load = 2.2 A, Tj = 150 °C
-
18.1
mJ
Table 19. Low-side drivers OUT5-8 electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com