Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics L9301 Datasheet HTML 36Page - STMicroelectronics L9301 Datasheet HTML 37Page - STMicroelectronics L9301 Datasheet HTML 38Page - STMicroelectronics L9301 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
DocID028688 Rev 6
35/51
L9301
Clock monitor
50
12
Clock monitor
For safety reasons the device has two clock signals: main clock and diagnosis clock.
The diagnosis clock is a redundant oscillator which has been introduced with the aim to
perform a frequency check with the main clock. A dedicated digital block is present to
accomplish this task.
If a clock signal is running out of range, a status bit is set (clkbad). In case the main clock
stops working, a digital internal reset is asserted, until POR or RES clears it.
If the main clock is running 25% faster or slower than diagnosis clock, the bit clkbad is set.
If the main clock is running 85% slower than diagnosis clock, a digital internal reset is
asserted, the device is put to reset state, all drivers are off and no response to any input
signal is given, until power off or RES pin assert (RES pin set to '0') to clear it.
Table 24. Clock monitor
Parameter
Test condition
Min.
Typ.
Max.
Unit
Main clock frequency
-
-
5
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com