Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 23Page - STMicroelectronics L9301 Datasheet HTML 24Page - STMicroelectronics L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
DocID028688 Rev 6
27/51
L9301
Low side driver
50
9
Low side driver
The channels OUT1 to 8 are low side drivers with internal clamp.
Figure 11. Low side driver diagram
9.1
Electrical characteristics OUT1-4
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
Table 18. Low-side drivers OUT1-4 electrical characteristics
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
OUT1-4
RDS-on_LS
Drain–source
resistance
I_load = 1 A
-
-
0.6
Ω
IOUT_LK_LS
Output leakage
current
OUTx = 13.5 V
-
-
10
μA
VS/R_s_LS
Voltage S/R on/off
“slow”
VB = 13.5 V
Load: 8 Ω, 10 nF – From
80% to 30% of OUTx
24
6
V/μs
VS/R_f_LS
Voltage S/R on/off
“fast”
VB = 13.5 V
Load: 8 Ω, 10 nF – From
80% to 30% of VOUT
510
15
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com