Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 39Page - STMicroelectronics L9301 Datasheet HTML 40Page - STMicroelectronics L9301 Datasheet HTML 41Page - STMicroelectronics L9301 Datasheet HTML 42Page - STMicroelectronics L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
DocID028688 Rev 6
43/51
L9301
SPI
50
SR1-SR12 (0x11-0x1C)
Driver status register
[2] vddov
0 = no VDD over voltage
1 = VDD over voltage
[1] vbuv
0 = no VB under voltage
1 = VB under voltage
[0] vbov
0 = no VB over voltage
1 = VB over voltage
Note: bit4 and bit6 cannot be directly written '0'. They are only cleared when the relating bits
get cleared
19
18
17
16
15
14
13
12
11
10
9876543210
RESERVED
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
[19:10] RESERVED: Reserved
[9] oc_comp_f
0 = no comparator self test fail
1 = over current comparator self test fail
[8] os: output status
0 = driver status is aligned to the command in on state
1 = driver output is not aligned to the command in on state
[7] cs: command status
0 = CR13 or pin IN1-8 put driver to off status
1 = CR13 or pin IN1-8 put driver to on status
[6] ol: open load
0 = no open load
1 = open load
[5] shvb: short to VB
0 = no short to VB
1 = short to VB
available only in SR9-SR12
[4] shgnd: short to GND
0 = no short to GND
1 = short to GND
[3] dloss: diode loss
0 = no diode loss
1 = diode loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com