Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 21Page - National Semiconductor (TI) PC87364 Datasheet HTML 22Page - National Semiconductor (TI) PC87364 Datasheet HTML 23Page - National Semiconductor (TI) PC87364 Datasheet HTML 24Page - National Semiconductor (TI) PC87364 Datasheet HTML 25Page - National Semiconductor (TI) PC87364 Datasheet HTML 26Page - National Semiconductor (TI) PC87364 Datasheet HTML 27Page - National Semiconductor (TI) PC87364 Datasheet HTML 28Page - National Semiconductor (TI) PC87364 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 180 page
background image
1.0 Signal/Pin Connection and Description (Continued)
25
www.national.com
1.4.11
Protection
1.4.12
Serial Port 1 and Serial Port 2
Signal
Pin(s)
I/O
Buffer Type Power Well
Description
CHASI
29
I
INC
VPP
Chassis Intrusion Input. Any change of this pin sets the
intrusion detection. For correct operation, this pin must be tied to
VSS when it is not used.
CHASO
28
O
OD6
VSB
Chassis Intrusion Output. When low, indicates that an intrusion
indication is set.
CHLOCK
1
O
O12/12
VDD
Chassis Hood Lock. When low, locks the chassis hood solenoid.
CHUNLOCK 128
O
O12/12
VDD
Chassis Hood Unlock. When low, unlocks the chassis hood
solenoid.
XLOCK
53
I
INT
VDD
Access Lock. When low, this pin blocks read/write from/to the
SuperI/O Configuration 6 (SIOCF6) register to prevent accidental
access.
Signal
Pin/s
I/O Buffer Type Power Well
Description
CTS1
CTS2
100
108
I
INTS
VDD
Clear to Send. When low, indicate that the modem or other data
transfer device is ready to exchange data.
DCD1
DCD2
95
103
I
INTS
VDD
Data Carrier Detected. When low, indicate that the modem or
other data transfer device has detected the data carrier.
DSR1
DSR2
96
104
I
INTS
VDD
Data Set Ready. When low, indicate that the data transfer device,
e.g., modem, is ready to establish a communications link.
DTR1_
BOUT1
DTR2_
BOUT2
101
109
O
O3/6
VDD
Data Terminal Ready. When low, indicate to the modem or other
data transfer device that the UART is ready to establish a
communications link. After a system reset, these pins provide the
DTR function and set these signals to inactive high. Loopback
operation holds them inactive.
Baud Output. Provides the associated serial channel baud rate
generator output signal if test mode is selected, i.e., bit 7 of the
EXCR1 Register is set.
DTR1_BOUT1 is used also as BADDR.
RI1
RI2
102
110
I
INTS
VDD,VSB
Ring Indicator. When low, indicate that a telephone ring signal
has been received by the modem. They are monitored during
power-off for wake-up event detection.
RTS1
RTS2
98
106
O
O3/6
VDD
Request to Send. When low, indicate to the modem or other data
transfer device that the corresponding UART is ready to exchange
data. A system reset sets these signals to inactive high, and
loopback operation holds them inactive.
RTS1 is used also as TEST.
SIN1
SIN2
97
105
I
INTS
VDD
Serial Input. Receive composite serial data from the
communications link (peripheral device, modem or other data
transfer device).
SOUT1
SOUT2
99
107
O
O3/6
VDD
Serial Output. Send composite serial data to the communications
link (peripheral device, modem or other data transfer device).
These signals are set active high after a system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com