Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 76Page - National Semiconductor (TI) PC87364 Datasheet HTML 77Page - National Semiconductor (TI) PC87364 Datasheet HTML 78Page - National Semiconductor (TI) PC87364 Datasheet HTML 79Page - National Semiconductor (TI) PC87364 Datasheet HTML 80Page - National Semiconductor (TI) PC87364 Datasheet HTML 81Page - National Semiconductor (TI) PC87364 Datasheet HTML 82Page - National Semiconductor (TI) PC87364 Datasheet HTML 83Page - National Semiconductor (TI) PC87364 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
78
www.national.com
The RING pulse-train detection is achieved by monitoring the falling edges on RING in time slots of 62.5 msec (a 16 Hz
cycle). A positive detection occurs if falling edges of RING are detected in three consecutive time slots, following a time slot
in which no RING falling edge is detected. This detection method guarantees the detection of a RING pulse-train with fre-
quencies higher than 16 Hz. It filters out (does not detect) pulses of less than 10 Hz, and may detect pulses between 10 Hz
to 16 Hz.
3.3.3
Keyboard and Mouse Activity
The detection of either any activity or a specific predetermined keyboard or mouse activity can be used as a wake-up event.
The keyboard wake-up detection can be programmed to detect:
q
Any keystroke
q
A specific programmable sequence of up to eight alphanumeric keystrokes
q
Any programmable sequence of up to 8 bytes of data received from the keyboard.
The mouse wake-up detection can be programmed to detect either any mouse click or movement, or a specific programma-
ble click (left or right) or double-clicks.
The keyboard or mouse event detection operates independently of the KBC (which is powered down with the rest of the system).
3.3.4
CEIR Address
A CEIR transmission received on an IRRX pin in a pre-selected standard (NEC, RCA or RC-5) is matched against a pro-
grammable CEIR address. Detection of matching can be used as a wake-up event.
Whenever an IR signal is detected, the receiver immediately enters the active state. When this happens, the receiver keeps
sampling the IR input signal and generates a bit string where a logic 1 indicates an idle condition and a logic 0 indicates the
presence of IR energy. The received bit string is de-serialized and assembled into 8-bit characters.
The expected CEIR protocol of the received signal should be configured through bits 5,4 at the CEIR Wake-Up Control reg-
ister (see Section 3.4.22).
The CEIR Wake-Up Address register (IRWAD) holds the unique address to be compared with the address contained in the
incoming CEIR message. If CEIR is enabled (bit 0 of the IRWCR register is 1) and an address match occurs, then the CEIR
Event Status bit of the WK_STS0 register is set to 1 (see Section 3.4.2).
The CEIR Address Shift register holds the received address which is compared with the address contained in the IRWAD.
The comparison is affected also by the CEIR Wake-Up Address Mask register (IRWAM) in which each bit determines wheth-
er to ignore the corresponding bit in the IRWAD.
If CEIR routing to interrupt request is enabled, the assigned SWC interrupt request may be used to indicate that a complete
address has been received. To get this interrupt when the address is completely received, the IRWAM should be written with
FFh. Once the interrupt is received, the value of the address can be read from the ADSR register.
Another parameter that is used to determine whether a CEIR signal is to be considered valid is the bit cell time width. There
are four time ranges for the different protocols and carrier frequencies. Four pairs of registers define the low and high limits
of each time range. (See Sections 3.4.29 through for more details regarding the recommended values for each protocol.)
The CEIR address detection operates independently of the serial port with the IR (which is powered down with the rest of
the system).
3.3.5
Standby General-Purpose Input Events
A general-purpose event is defined as the detection of falling edge, rising edge, low level or high level on a specific signal.
Each signal’s event is configurable via software. GPIOE0-5 and GPIE6-7 may trigger a system notification by any of the
means mentioned in Section 3.1.
A debouncer of 16 ms is enabled (default) on each event. It may be disabled by software.
3.3.6
GPIO-Triggered Events
A GPIO-triggered event is defined as the detection of falling edge, rising edge, low level or high level on a specific GPIO
signal whose status bit is routed to PWUREQ. Each signal’s event is configurable via software in the GPIO logical device
configuration registers. GPIO00-07, GPIO10-14, GPIO16-17 and GPIO40-47 may trigger a system notification only by
PWUREQ. Other means of system notification triggered by GPIOs are available via the GPIO logical device configuration
registers.
A debouncer of 16 ms is enabled (default) on each event. It may be disabled by software.
All GPIO pins are powered by VDD, and therefore can cause an assertion of PWUREQ only when VDD is present.
3.3.7
Software Event
A software event is defined as writing 1 to the Software Event Status bit of the WK_STS0 register. Once this bit is set to 1,
it has the same effect as any other Event Status bit.
Since WK_STS0 is accessible only when VDD is present, the Software Event can be activated only when VDD is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com