Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 29Page - National Semiconductor (TI) PC87364 Datasheet HTML 30Page - National Semiconductor (TI) PC87364 Datasheet HTML 31Page - National Semiconductor (TI) PC87364 Datasheet HTML 32Page - National Semiconductor (TI) PC87364 Datasheet HTML 33Page - National Semiconductor (TI) PC87364 Datasheet HTML 34Page - National Semiconductor (TI) PC87364 Datasheet HTML 35Page - National Semiconductor (TI) PC87364 Datasheet HTML 36Page - National Semiconductor (TI) PC87364 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
33
www.national.com
2.2.3
Standard Logical Device Configuration Register Definitions
Unless otherwise noted in Tables 7 through 12:
q
All registers are read/write.
q
All reserved bits return 0 on reads, except where noted otherwise. They must not be modified as it may cause un-
predictable results. Use read-modify-write to prevent the values of reserved bits from being changed during write.
q
Write only registers should not use read-modify-write during updates.
Table 7. Standard Control Registers
Table 8. Logical Device Activate Register
Table 9. I/O Space Configuration Registers
Index
Register Name
Description
07h
Logical Device
Number
This register selects the current logical device. See Table 6 for valid numbers. All
other values are reserved.
20h - 2Fh
SuperI/O
Configuration
SuperI/O configuration registers and ID registers
Index
Register Name
Description
30h
Activate
Bit 0 - Logical device activation control
0: Disabled
1: Enabled
Bits 7-1 - Reserved
Index
Register Name
Description
60h
I/O Port Base
Address Bits (15-8)
Descriptor 0
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 0.
61h
I/O Port Base
Address Bits (7-0)
Descriptor 0
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 0.
62h
I/O Port Base
Address Bits (15-8)
Descriptor 1
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 1.
63h
I/O Port Base
Address Bits (7-0)
Descriptor 1
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com