Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 86Page - National Semiconductor (TI) PC87364 Datasheet HTML 87Page - National Semiconductor (TI) PC87364 Datasheet HTML 88Page - National Semiconductor (TI) PC87364 Datasheet HTML 89Page - National Semiconductor (TI) PC87364 Datasheet HTML 90Page - National Semiconductor (TI) PC87364 Datasheet HTML 91Page - National Semiconductor (TI) PC87364 Datasheet HTML 92Page - National Semiconductor (TI) PC87364 Datasheet HTML 93Page - National Semiconductor (TI) PC87364 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
88
www.national.com
3.4.8
Wake-Up Events Routing to SMI Enable Register 1 (WK_SMIEN1)
This register is set to 00h on power-up of VPP or software reset. It controls the routing of detected wake-up events to the
SMI signal. Detected wake-up events that are enabled activate the SMI signal regardless of the value of the WK_EN1 reg-
ister.
Location:
Bank 2, Offset 14h
Type:
R/W
Bit
76543210
Name
GPIE7
Event to
SMI Enable
GPIE6
Event to
SMI Enable
GPIE5
Event to
SMI Enable
GPIE4/
RING
Event to
SMI Enable
GPIE3
Event to
SMI Enable
GPIE2
Event to
SMI Enable
GPIE1
Event to
SMI Enable
GPIE0
Event to
SMI Enable
Reset
00000000
Bit
Description
7
GPIE7 Event to SMI Enable
0: Disabled (default)
1: Enabled
6
GPIE6 Event to SMI Enable
0: Disabled (default)
1: Enabled
5
GPIE5 Event to SMI Enable
0: Disabled (default)
1: Enabled
4
GPIE4/RING Event to SMI Enable
0: Disabled (default)
1: Enabled
3
GPIE3 Event to SMI Enable
0: Disabled (default)
1: Enabled.
2
GPIE2 Event to SMI Enable
0: Disabled (default)
1: Enabled
1
GPIE1 Event to SMI Enable
0: Disabled (default)
1: Enabled
0
GPIE0 Event to SMI Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com