Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 38Page - National Semiconductor (TI) PC87364 Datasheet HTML 39Page - National Semiconductor (TI) PC87364 Datasheet HTML 40Page - National Semiconductor (TI) PC87364 Datasheet HTML 41Page - National Semiconductor (TI) PC87364 Datasheet HTML 42Page - National Semiconductor (TI) PC87364 Datasheet HTML 43Page - National Semiconductor (TI) PC87364 Datasheet HTML 44Page - National Semiconductor (TI) PC87364 Datasheet HTML 45Page - National Semiconductor (TI) PC87364 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
42
www.national.com
2.6
LED OPERATION AND STATES
The device supports up to two LEDs, depending on Pin 25 and Pin 26 Function Select (bits 1-2 and bit 3) of the SIOCFA
register. The polarity of both LEDs is determined by LED Polarity Control (bit 7) of the SIOCFD register.
, when in power-on state. The device also provides modes for hardware LED control. This enables the LEDs to support fea-
tures such as power and error indication.
The LEDs may be operated in software, hardware1 or hardware 2 modes. These modes are set by LED Mode Control (bits
2 and 3) of the SIOCFB register. Each LED can be set to On, Off or to blink at different rates by means of bits 0-2 (LED1)
and bits 3-5 (LED2) of the SIOCFC register. When in power-on state (both VDD and VSB exist), the LEDs are software-con-
trolled. When in power fail state (no VSB and no VDD) the LEDs are off. Table 14 shows the effect of hardware modes 1 and
2 on LED operation that override the above rules.
Table 14. Hardware Modes 1 and 2 Effect on LED Operation
2.7
POWER SUPPLY CONTROL AND LED CONFIGURATION
A combination of two strap pins (Power Supply and LED Configuration 0 and 1, PSLDC0,1, pins 99 and 107 respectively)
determines the configuration of the power supply control pins and LEDs. Both pins 99 and 107 have weak pull-downs, and
are sampled on VSB power-up reset. Table 15 describes how they affect the chip configuration.
Table 15. PSLDC0,1 Configuration Options
2.8
REGISTER TYPE ABBREVIATIONS
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
Mode
System State
LED1
LED2
Hardware 1
(SIOCFB, bits 3-2=01)
VSB power-up reset
Off
1 Hz blink, 50% duty cycle
Power off (VSB,noVDD)
Software-controlled
1 Hz blink, 50% duty cycle
Hardware 2
(SIOCFB, bits 3-2=10)
ACPI mode and
Sleep State 3
Software-controlled
Software-controlled
ACPI mode, Sleep State 5,
bit 6 = 1 in SIOCFC register
and Power Supply Control
enabled
Software-controlled
Software-controlled
ACPI mode, any other
configuration
Off
Off
Legacy mode and power off
(no VDD)
Off
Off
PSLDC0
(Pin 99)
PSLDC1
(Pin 107)
Power Supply Control
LED2
0
0
Enabled (default)
Not selected (default)
0
1
Disabled
Selected
1
0
Disabled
Not selected
1
1
Enabled
Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com