Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 50Page - National Semiconductor (TI) PC87364 Datasheet HTML 51Page - National Semiconductor (TI) PC87364 Datasheet HTML 52Page - National Semiconductor (TI) PC87364 Datasheet HTML 53Page - National Semiconductor (TI) PC87364 Datasheet HTML 54Page - National Semiconductor (TI) PC87364 Datasheet HTML 55Page - National Semiconductor (TI) PC87364 Datasheet HTML 56Page - National Semiconductor (TI) PC87364 Datasheet HTML 57Page - National Semiconductor (TI) PC87364 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
54
www.national.com
2.9.13
SuperI/O Configuration D Register (SIOCFD)
This is a battery-backed register.
Location:
Index 2Dh
Type:
Varies per bit
Bit
76543210
Name
LED Polarity
Control
Last PSON
State
PSON
Polarity
Crowbar Timeout
Resume
Last PSON
State
Power
Supply Off
Power
Button
Mode
Reset
0
0
Strap
11000
Bit
Description
7
LED Polarity Control. This is a R/W bit. It determines if the LED outputs are active high or active low when
they are lit.
0: Active high (default at VSB power-up reset)
1: Active low
6
Last Power Supply On State. This is a RO bit. When operating in Legacy mode (bit 0 of this register is set to 0), this
bit reflects the state of the PSON pin sampled during the last power failure (no VSB), regardless of the polarity of PSON.
0: Off
1: On
5
Power Supply On Polarity. This is a RO bit. The polarity of PSON is determined during VSB power-up by the
PSONPOL strap.
4-3
Crowbar Timeout. This is a R/W bit.
Bits
5 4
Value (Seconds)
0 0
0.5 to 0.75
0 1
1.0 to 1.25
1 0
1.25 to 1.5
1 1
2.0 to 2.25 (default at VPP power-up reset)
2
Resume Last Power Supply On State. This is a R/W bit. When it is set to 1, PSON resumes its last state, sampled
during the last power failure, after power returns. When this bit is set to 0, the PSON state is determined by the
SLPS3 state.
0: SLPS3 (default at VPP power-up reset)
1: Last PSON state. For correct operation, the system’s ACPI controller must be configured to resume to OFF.
This enables the power supply control logic to know the state of the chipset ACPI state machine after power
failure (no VDD and VSB).
1
Power Supply Off. This is a R/W bit. It always returns 0 when read. When using Legacy mode (bit 0 is set to
0) and setting this bit to 1, this bit inactivates the PSON output, thereby shutting off the power supply.
0: No action (default at VPP power-up reset)
1: Inactivate PSON in Legacy mode
0
Power Button Mode. This is a R/W bit.
0: Legacy (default at VSB power-up reset)
1: ACPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com