Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 87Page - National Semiconductor (TI) PC87364 Datasheet HTML 88Page - National Semiconductor (TI) PC87364 Datasheet HTML 89Page - National Semiconductor (TI) PC87364 Datasheet HTML 90Page - National Semiconductor (TI) PC87364 Datasheet HTML 91Page - National Semiconductor (TI) PC87364 Datasheet HTML 92Page - National Semiconductor (TI) PC87364 Datasheet HTML 93Page - National Semiconductor (TI) PC87364 Datasheet HTML 94Page - National Semiconductor (TI) PC87364 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
89
www.national.com
3.4.9
Wake-Up Events Routing to IRQ Enable Register 0 (WK_IRQEN0)
This register is set to 00h on power-up of VPP or software reset. It controls the routing of detected wake-up events to the
assigned SWC interrupt request (IRQ) channel. Detected wake-up events that are enabled activate the assigned IRQ chan-
nel regardless of the value of the WK_EN0 register.
Location:
Bank 2, Offset 15h
Type:
R/W
Bit
76543210
Name
Reserved
Software
Event to
IRQ Enable
Reserved
CEIR
Event to
IRQ Enable
Mouse
Event to
IRQ Enable
KBD
Event to
IRQ Enable
RI2
Event to
IRQ Enable
RI1
Event to
IRQ Enable
Reset
00000000
Bit
Description
7
Reserved
6
Software Event to IRQ Enable
0: Disabled (default)
1: Enabled
5
Reserved
4
CEIR Event to IRQ Enable
0: Disabled (default)
1: Enabled
3
Mouse Event to IRQ Enable
0: Disabled (default)
1: Enabled
2
KBD Event to IRQ Enable
0: Disabled (default)
1: Enabled.
1
RI2 Event to IRQ Enable
0: Disabled (default)
1: Enabled
0
RI1 Event to IRQ Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com