Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 90Page - National Semiconductor (TI) PC87364 Datasheet HTML 91Page - National Semiconductor (TI) PC87364 Datasheet HTML 92Page - National Semiconductor (TI) PC87364 Datasheet HTML 93Page - National Semiconductor (TI) PC87364 Datasheet HTML 94Page - National Semiconductor (TI) PC87364 Datasheet HTML 95Page - National Semiconductor (TI) PC87364 Datasheet HTML 96Page - National Semiconductor (TI) PC87364 Datasheet HTML 97Page - National Semiconductor (TI) PC87364 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
92
www.national.com
3.4.12
Wake-Up Extension 1 Enable Register 1 (WK_X1EN1)
This register is set to FFh on power-up of VPP or software reset. It controls the routing of raw wake-up events to event de-
tectors while VDD is present. Wake-up events that are enabled are routed to their event detectors while VDD is present.
Location:
Bank 2, Offset 18h
Type:
R/W
Bit
76543210
Name
GPIE7
Event Ex. 1
Enable
GPIE6
Event Ex. 1
Enable
GPIE5
Event Ex. 1
Enable
GPIE4/
RING
Event Ex. 1
Enable
GPIE3
Event Ex. 1
Enable
GPIE2
Event Ex. 1
Enable
GPIE1
Event Ex. 1
Enable
GPIE0
Event Ex. 1
Enable
Reset
11111111
Bit
Description
7
GPIE7 Event Extension 1 Enable
0: Disabled
1: Enabled (default)
6
GPIE6 Event Extension 1 Enable
0: Disabled
1: Enabled (default)
5
GPIE5 Event Extension 1 Enable
0: Disabled
1: Enabled (default)
4
GPIE4/RING Event Extension 1 Enable
0: Disabled
1: Enabled (default)
3
GPIE3 Event Extension 1 Enable
0: Disabled
1: Enabled (default)
2
GPIE2 Event Extension 1 Enable
0: Disabled
1: Enabled (default)
1
GPIE1 Event Extension 1 Enable
0: Disabled
1: Enabled (default)
0
GPIE0 Event Extension 1 Enable
0: Disabled
1: Enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com