Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 61Page - National Semiconductor (TI) PC87364 Datasheet HTML 62Page - National Semiconductor (TI) PC87364 Datasheet HTML 63Page - National Semiconductor (TI) PC87364 Datasheet HTML 64Page - National Semiconductor (TI) PC87364 Datasheet HTML 65Page - National Semiconductor (TI) PC87364 Datasheet HTML 66Page - National Semiconductor (TI) PC87364 Datasheet HTML 67Page - National Semiconductor (TI) PC87364 Datasheet HTML 68Page - National Semiconductor (TI) PC87364 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
65
www.national.com
2.15.3
KBC Configuration Register
This register is reset by hardware to 40h.
Location:
Index F0h
Type:
R/W
Usage Hints:
1. To change the clock frequency of the KBC, perform the following:
a. Disable the KBC logical devices.
b. Change the frequency setting.
c. Enable the KBC logical devices.
2. Before swapping between the KBD and Mouse interface pins, disable the KBC logical devices and both pin sets. After
swapping, the software should issue a synchronization command to the KBD and mouse through the KBC to regain syn-
chronization with these devices.
Bit
76543210
Name
KBC Clock Source
Reserved
Swap
Reserved
TRI-STATE
Control
Reset
01000000
Required
0
Bit
Description
7-6
KBC Clock Source. The clock source can be changed only when the KBC is inactive (disabled).
Bits
7 6
Source
0 0
8 MHz
0 1
12 MHz (default)
1 0
16 MHz
1 1
Reserved
5-4
Reserved
3
Swap. This bit swaps between the KBD and Mouse interface pins.
0: KBCLK and KBDAT are KBD interface; MCLK and MDAT are Mouse interface (default)
1: KBCLK and KBDAT are Mouse interface, MCLK and MDAT are KBD interface
2-1
Reserved
0
TRI-STATE Control. If KBD is inactive (disabled) when this bit is set, the KBD pins (KBCLK and KBDAT) are in TRI-
STATE. If Mouse is inactive (disabled) when this bit is set, the Mouse pins (MCLK and MDAT) are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com