Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 19Page - National Semiconductor (TI) PC87364 Datasheet HTML 20Page - National Semiconductor (TI) PC87364 Datasheet HTML 21Page - National Semiconductor (TI) PC87364 Datasheet HTML 22Page - National Semiconductor (TI) PC87364 Datasheet HTML 23Page - National Semiconductor (TI) PC87364 Datasheet HTML 24Page - National Semiconductor (TI) PC87364 Datasheet HTML 25Page - National Semiconductor (TI) PC87364 Datasheet HTML 26Page - National Semiconductor (TI) PC87364 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 180 page
background image
1.0 Signal/Pin Connection and Description (Continued)
23
www.national.com
1.4.8
Keyboard and Mouse Controller (KBC)
1.4.9
Parallel Port
Signal
Pin/s
I/O Buffer Type Power Well
Description
GA20
9
I/O
INT/OD2
VDD
Gate A20. KBC gate A20 (P21) output.
KBCLK
111
I/O
INTS/OD14
VDD,VSB
Keyboard Clock. Transfers the keyboard clock between the
SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P26 signal, and is
connected internally to the T0 signal of the KBC. External pull-up
resistor to 5V is required (for PS/2 compliance). The pin is
monitored for wake-up event detection. To enable the activity
during power off, it must be pulled up to Keyboard and Mouse
standby voltage.
KBDAT
112
I/O
INTS/OD14
VDD,VSB
Keyboard Data. Transfers the keyboard data between the SuperI/O
chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P27 signal, and is
connected internally to KBC P10. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up
event detection. To enable the activity during power off, it must be
pulled up to Keyboard and Mouse standby voltage.
KBRST
8
I/O
INT/OD2
VDD
KBD Reset. Keyboard Reset (P20) output.
MCLK
113
I/O
INTS/OD14
VDD,VSB
Mouse Clock. Transfers the mouse clock between the SuperI/O
chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P23 signal, and is
connected internally to KBC T1. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up
event detection. To enable the activity during power off, it must be
pulled up to Keyboard and Mouse standby voltage.
MDAT
114
I/O
INTS/OD14
VDD,VSB
Mouse Data. Transfers the mouse data between the SuperI/O
chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P22 signal, and is
connected internally to KBC P11. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up
event detection. To enable the activity during power off, it must be
pulled up to Keyboard and Mouse standby voltage.
P12, P16,
P17
6,127,
7
I/O
INT/OD2
VDD
I/O Port. KBC open-drain signal for general-purpose input and
output, controlled by KBC firmware.
Signal
Pin/s
I/O
Buffer Type Power Well
Description
ACK
79
I
INT
VDD
Acknowledge. Pulsed low by the printer to indicate that it has
received data from the Parallel Port.
AFD_DSTRB 93
O
OD14,O14/14
VDD
AFD - Automatic Feed. When low, instructs the printer to
automatically feed a line after printing each line. This pin is in
TRI-STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor should be
attached to this pin.
DSTRB - Data Strobe (EPP). Active low, used in EPP mode
to denote a data cycle. When the cycle is aborted, DSTRB
becomes inactive (high).
BUSY_WAIT 78
I
INT
VDD
Busy. Set high by the printer when it cannot accept another
character.
Wait. In EPP mode, the Parallel Port device uses this active
low signal to extend its access cycle.
ERR
91
I
INT
VDD
Error. Set active low by the printer when it detects an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com