Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 26Page - National Semiconductor (TI) PC87364 Datasheet HTML 27Page - National Semiconductor (TI) PC87364 Datasheet HTML 28Page - National Semiconductor (TI) PC87364 Datasheet HTML 29Page - National Semiconductor (TI) PC87364 Datasheet HTML 30Page - National Semiconductor (TI) PC87364 Datasheet HTML 31Page - National Semiconductor (TI) PC87364 Datasheet HTML 32Page - National Semiconductor (TI) PC87364 Datasheet HTML 33Page - National Semiconductor (TI) PC87364 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 180 page
background image
30
www.national.com
2.0
Device Architecture and Configuration
The PC87364 SuperI/O device comprises a collection of generic and proprietary functional blocks. Each functional block is
described in a separate chapter in this document. However, some parameters in the implementation of each functional block
may vary per SuperI/O device. This chapter describes the PC87364 structure and provides all logical device specific infor-
mation, including special implementation of generic blocks, system interface and device configuration.
2.1
OVERVIEW
The PC87364 consists of 11 logical devices, the host interface, and a central set of configuration registers, all built around
a central, internal bus. The internal bus is similar to an 8-bit ISA bus protocol. See Figure 1, which illustrates the blocks and
related logic.
The system interface serves as a bridge between the external LPC interface and the internal bus. It supports 8-bit I/O Read,
8-bit I/O Write and 8-bit DMA transactions, as defined in Intel’s
LPC Interface Specification, Revision 1.0.
The central configuration register set supports ACPI compliant PnP configuration. The configuration registers are structured as
a subset of the Plug and Play Standard registers, defined in Appendix A of the
Plug and Play ISA Specification, Revision 1.0a
by Intel and Microsoft. All system resources assigned to the functional blocks (I/O address space, DMA channels and IRQ lines)
are configured in, and managed by, the central configuration register set. In addition, some function-specific parameters are
configurable through the configuration registers and distributed to the functional blocks through special control signals.
2.2
CONFIGURATION STRUCTURE AND ACCESS
The configuration structure is comprised of a set of banked registers which are accessed via a pair of specialized registers.
2.2.1
The Index-Data Register Pair
Access to the SuperI/O configuration registers is via an Index-Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined during reset, according to the state of the hardware strapping option on
the BADDR pin. Table 5 shows the selected base addresses as a function of BADDR.
Table 5. BADDR Strapping Options
The Index register is an 8-bit R/W register located at the selected base address (Base+0). It is used as a pointer to the con-
figuration register file, and holds the index of the configuration register that is currently accessible via the Data register.
Reading the Index register returns the last value written to it (or the default of 00h after reset).
The Data register is an 8-bit virtual register, used as a data path to any configuration register. Accessing the Data register
actually accesses the configuration register that is currently pointed to by the Index register.
BADDR
I/O Address
Index Register
Data Register
0
2Eh
2Fh
1
4Eh
4Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com