Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 41Page - National Semiconductor (TI) PC87364 Datasheet HTML 42Page - National Semiconductor (TI) PC87364 Datasheet HTML 43Page - National Semiconductor (TI) PC87364 Datasheet HTML 44Page - National Semiconductor (TI) PC87364 Datasheet HTML 45Page - National Semiconductor (TI) PC87364 Datasheet HTML 46Page - National Semiconductor (TI) PC87364 Datasheet HTML 47Page - National Semiconductor (TI) PC87364 Datasheet HTML 48Page - National Semiconductor (TI) PC87364 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
45
www.national.com
2.9.3
SuperI/O Configuration 2 Register (SIOCF2)
Location:
Index 22h
Type:
R/W
Bit
7654
3
210
Name
Pin 7
Function
Select
Pin 6
Function
Select
Pin 5
Function
Select
Pin 4
Function
Select
Pin 3
Function
Select
Pin 2
Function
Select
Pin 1
Function
Select
Reset
0000
0
000
Bit
Description
7
Pin 7 Function Select.
0: GPIO05 (default)
1: P17
6
Pin 6 Function Select.
0: GPIO04 (default)
1: P12
5
Pin 5 Function Select.
0: GPIO03 (default)
1: FANOUT0
4
Pin 4 Function Select.
0: GPIO02 (default)
1: FANIN0
3
Pin 3 Function Select.
0: GPIO01 (default)
1: FANOUT1
2
Pin 2 Function Select.
0: GPIO00 (default)
1: FANIN1
1-0
Pin 1 Function Select.
Bits
1 0
Function
0 0
GPIO34 (default)
0 1
FANOUT2
1 0
CHLOCK
1 1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com