Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 77Page - National Semiconductor (TI) PC87364 Datasheet HTML 78Page - National Semiconductor (TI) PC87364 Datasheet HTML 79Page - National Semiconductor (TI) PC87364 Datasheet HTML 80Page - National Semiconductor (TI) PC87364 Datasheet HTML 81Page - National Semiconductor (TI) PC87364 Datasheet HTML 82Page - National Semiconductor (TI) PC87364 Datasheet HTML 83Page - National Semiconductor (TI) PC87364 Datasheet HTML 84Page - National Semiconductor (TI) PC87364 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
79
www.national.com
3.3.8
Module IRQ Wake-Up Event
A module IRQ wake-up event is defined as the leading edge of the IRQ assertion of any of the following logical devices:
FDC, Parallel Port, Serial Ports 1 and 2, Mouse, KBC, ACB and Fan Speed Control and Monitor (FSCM).
To enable the IRQ of a specific logical device to trigger a wake-up event, the associated Enable bit must be set to 1. This
is bit 4 of the Interrupt Number and Wake-Up on IRQ Enable register, located at index 70h in the configuration space of the
logical device (see Table 10 in
Device Architecture and Configuration chapter). When this bit is set, any IRQ assertion of the
corresponding logical device activates the module IRQ wake-up event. Therefore, the module IRQ wake-up event is a com-
bination of all IRQ signals of the logical devices for which wake-up on IRQ is enabled.
When the event is detected as active, its associated Status bit (bit 7 of the WK0_STS register) is set to 1. If the associated
Enable bit (bit 7 of the WK_EN0 register) is also set to 1, the PWUREQ output is asserted. It remains asserted until the
Status bit is cleared.
Since all the logical devices listed above are powered by VDD, a module IRQ event can be activated only when VDD is
present.
3.4
SWC REGISTERS
The SWC registers are organized in four banks, all of which are battery-backed. The offsets are related to a base address
that is determined by the SWC Base Address register in the device configuration registers. The lower 19 offsets are common
to the four banks, while the upper offsets (13-1fh) are divided as follows:
q
Bank 0 holds the Keyboard/Mouse Control registers.
q
Bank 1 holds the CEIR Control registers.
q
Bank 2 holds the Event Routing Configuration and Wake-Up Extension Control registers.
q
Bank 3 holds the Standby General-Purpose I/O (GPIO) Pins Configuration registers.
The active bank is selected through the Configuration Bank Select field (bits 1-0) in the Wake-Up Configuration register
(WK_CFG). See Section 3.4.6.
As a programming aid, the registers are described in this chapter according to the following functional groupings:
q
General status, enable, configuration and routing registers
q
Extension enable registers
q
PS/2 event configuration registers
q
CEIR event configuration registers
q
Standby GPIO configuration and control registers
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
3.4.1
SWC Register Map
The following tables list the SWC registers. For the SWC register bitmap, see Section 3.5.
Table 36. Banks 0, 1, 2 and 3 - The Common Control and Status Register Map
Offset
Mnemonic
Register Name
Type
Section
00h
WK_STS0
Wake-Up Events Status 0
R/W1C
3.4.2
01h
WK_STS1
Wake-Up Events Status 1
R/W1C
3.4.3
02h
WK_EN0
Wake-Up Enable 0
R/W
3.4.4
03h
WK_EN1
Wake-Up Enable 1
R/W
3.4.5
04h
WK_CFG
Wake-Up Configuration
R/W
3.4.6
05h-07h
Reserved
08h
SB_GPDO0
Standby GPIOE/GPIE Data Out 0
R/W
3.4.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com