Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 36Page - National Semiconductor (TI) PC87364 Datasheet HTML 37Page - National Semiconductor (TI) PC87364 Datasheet HTML 38Page - National Semiconductor (TI) PC87364 Datasheet HTML 39Page - National Semiconductor (TI) PC87364 Datasheet HTML 40Page - National Semiconductor (TI) PC87364 Datasheet HTML 41Page - National Semiconductor (TI) PC87364 Datasheet HTML 42Page - National Semiconductor (TI) PC87364 Datasheet HTML 43Page - National Semiconductor (TI) PC87364 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 180 page
background image
2.0 Device Architecture and Configuration (Continued)
40
www.national.com
ACPI Mode
When the PSC is operated in ACPI mode (bit 0 of the SIOCFD register is set to 1), the ACPI controller of the system controls
the system’s power supply by means of the SLPS3 state. When SLPS3 is set to 0, the power supply turns off; when it is set
to 1, the power supply turns on. The state of the PSON output signal (either ON or OFF) is identical to the state of the SLPS3
input signal. The polarity of PSON is set by the PSONPOL strap.
The only case in which the PSC affects the value of the PSON output is when a Crowbar condition occurs. A Crowbar con-
dition is defined as the state in which PSON has been active for a certain period of time, but the system’s power supply
remains inactive. In this case, PSON is forced inactive, and the PWBTOUT output is pulsed to indicate to the ACPI controller
that SLPS3 must be driven low, thus indirectly inactivating PSON and preventing a deadlock. For a detailed description of
the Crowbar mechanism, see “Crowbar Condition” below.
In ACPI mode, during regular operation, the PWBTOUT output is pulsed when either of the following events occurs:
q
PWBTIN is pulsed.
q
A wake-up event, that is routed to PWBTOUT.
A wake-up event that is routed to the power button output can cause PWBTOUT to be pulsed in ACPI mode if one of the
following conditions is met:
q
SLPS5 is active.
q
Enable Power Button Pulse on S3 (bit 3) of the SWC WK_CFG register is set to 1.
However, when in ACPI mode, PWBTIN and PWBTOUT activity has no effect on the PSON output. The power button mech-
anism can have an indirect effect on PSON only if PWBTOUT is connected to the power button input of the ACPI controller,
thus affecting the SLPS3 signal.
Legacy Mode
When the PSC is operated in Legacy mode (bit 0 of the SIOCFD register is set to 0), the PC87364 controls the system’s
power supply. In this mode, the PSON output signal is set by the PC87364 according to the following factors: the state of
input signals, the state of the power supply lines, power button activity and certain configuration bits. Although the ACPI con-
troller does not control the system’s power supply, it tracks the system’s power state. For this purpose, the PC87364 ma-
nipulates the PWBTOUT so that the ACPI controller is always synchronized with the actual state of the PSON output. This
synchronization mechanism assumes that PWBTOUT is connected to the power button input of the ACPI controller. See a
schematic state diagram of the Legacy PSC mechanism in Figure 4.
Figure 5. Legacy Power Supply Control State Diagram
Power
Fail
ON
OFF
Synchronize
ACPI
Check
Resume
Mode
VSB
Power-Up
Reset
VSB Present AND Straps Sampled
Resume AND Last State Is OFF
OR
No Resume AND ACPI Is OFF
No Resume AND ACPI Is ON
Resume AND Last State is ON
Synchronization Done
PWBTOUT Falling Edge
PWBTOUT Falling Edge
OR
Software Power Supply Off Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com