Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 80Page - National Semiconductor (TI) PC87364 Datasheet HTML 81Page - National Semiconductor (TI) PC87364 Datasheet HTML 82Page - National Semiconductor (TI) PC87364 Datasheet HTML 83Page - National Semiconductor (TI) PC87364 Datasheet HTML 84Page - National Semiconductor (TI) PC87364 Datasheet HTML 85Page - National Semiconductor (TI) PC87364 Datasheet HTML 86Page - National Semiconductor (TI) PC87364 Datasheet HTML 87Page - National Semiconductor (TI) PC87364 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
82
www.national.com
3.4.2
Wake-Up Events Status Register 0 (WK_STS0)
This register is set to 00h on power-up of VPP, VSB or software reset. It indicates which of the corresponding eight wake-up
events have occurred. Writing 1 to a bit clears it to 0. Writing 0 has no effect. Bit 6 of this register has a special type, as
described in the table below.
Location:
Offset 00h
Type:
R/W1C
Bit
76543210
Name
Module IRQ
Event
Status
Software
Event
Status
GPIO Event
Status
CEIR
Event
Status
Mouse
Event
Status
KBD
Event
Status
RI2
Event
Status
RI1
Event
Status
Reset
00000000
Bit
Description
7
Module IRQ Event Status. This sticky bit shows the status of the module IRQ event detection.
0: Event not active (default)
1: Event active
6
Software Event Status. Writing 1 to this bit inverts its value.
0: Event not active (default)
1: Event active
5
GPIO Event Status. This sticky bit shows the status of the VDD GPIO event detection.
0: Event not detected (default)
1: Event detected
4
CEIR Event Status
0: Event not detected (default)
1: Event detected
3
Mouse Event Status
0: Event not detected (default)
1: Event detected
2
KBD Event Status
0: Event not detected (default)
1: Event detected
1
RI2 Event Status
0: Event not detected (default)
1: Event detected
0
RI1 Event Status
0: Event not detected (default)
1: Event detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com