Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 124Page - National Semiconductor (TI) PC87364 Datasheet HTML 125Page - National Semiconductor (TI) PC87364 Datasheet HTML 126Page - National Semiconductor (TI) PC87364 Datasheet HTML 127Page - National Semiconductor (TI) PC87364 Datasheet HTML 128Page - National Semiconductor (TI) PC87364 Datasheet HTML 129Page - National Semiconductor (TI) PC87364 Datasheet HTML 130Page - National Semiconductor (TI) PC87364 Datasheet HTML 131Page - National Semiconductor (TI) PC87364 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 180 page
background image
6.0 General-Purpose Input/Output (GPIO) Port (Continued)
126
www.national.com
6.3
EVENT HANDLING AND SYSTEM NOTIFICATION
The enhanced GPIO port supports system notification based on event detection. This functionality is based on six configu-
ration bits and a bit slice of runtime registers GPEVEN and GPST. The configuration and operation of the event detection
capability is shown in Figure 19. The operation of system notification is illustrated in Figure 20.
Figure 19. Event Detection
6.3.1
Event Configuration
Each pin in the GPIO port is a potential input event source. The event detection can trigger a system notification upon pre-
determined behavior of the source pin. The GPCFG register determines the event detection trigger type for the system no-
tification.
Event Type and Polarity
Two trigger types of event detection are supported: edge and level. An edge event may be detected upon a source pin tran-
sition either from high to low or low to high. A level event may be detected when the source pin is in active level. The trigger
type is determined by Event Type (bit 4 of the GPCFG register). The direction of the transition (for edge) or the polarity of
the active level (for level) is determined by Event Polarity (bit 5 of the GPCFG register).
Event Debounce Enable
The input signal can be debounced for about 15 msec before entering the detector. The signal state is transferred to the
detector only after a debouncing period during which the signal has no transitions, to ensure that the signal is stable. The
debouncer adds 15 msec delay to both assertion and de-assertion of the event pending indicator. Therefore, when working
with a level event and system notification by either SMI or IRQ, it is recommended to disable the debounce if the delay in
the SMI/IRQ de-assertion is not acceptable. The debounce is controlled by Event Debounce Enable (bit 6 of the GPCFG
register).
6.3.2
System Notification
System notification on GPIO-triggered events is by means of assertion of one or more of the following output pins:
q
Interrupt Request (via the device’s Bus Interface)
q
System Management Interrupt (SMI, via the device’s Bus Interface)
q
Power-Up Request (PWUREQ, via the System Wake-Up Control)
The system notification for each GPIO pin is controlled by the corresponding bits in the GPEVEN and GPEVR registers.
System notification by a GPIO pin is enabled if the corresponding bit of the GPEVEN register is set to 1. The corresponding
bits in the GPEVR register select which means of system notification the detected event is routed to. The event routing
mechanism is described in Figure 20.
Event
Enable
Event Polarity
Detected
Enabled Events
GPIO Pins
Input
Debouncer
1
0
Event
Internal
Bus
0
1
Pin
Level =1
R/W 1 to Clear
Status
Rising Edge or
Rising
Edge
Detector
from other
High Level =1
GPIO Pin Configuration Register
Event Type
Event
Debounce
Enable
R/W
Bit 6
Bit 5
Bit 4
Indicator
Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com