Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 133Page - National Semiconductor (TI) PC87364 Datasheet HTML 134Page - National Semiconductor (TI) PC87364 Datasheet HTML 135Page - National Semiconductor (TI) PC87364 Datasheet HTML 136Page - National Semiconductor (TI) PC87364 Datasheet HTML 137Page - National Semiconductor (TI) PC87364 Datasheet HTML 138Page - National Semiconductor (TI) PC87364 Datasheet HTML 139Page - National Semiconductor (TI) PC87364 Datasheet HTML 140Page - National Semiconductor (TI) PC87364 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 180 page
background image
7.0 WATCHDOG Timer (WDT) (Continued)
135
www.national.com
7.3.4
WATCHDOG Status Register (WDST)
This register holds the WATCHDOG Timer status, which reflects the value of the WDO pin and indicates that the timeout
period has expired.
On reset or on WATCHDOG Timer activation, this register is initialized to 01h.
Location:
Offset 02h
Type:
RO
7.4
WATCHDOG TIMER REGISTER BITMAP
Bit
76543210
Name
Reserved
WDO Value
Reset
00000001
Required
0
Bit
Description
7-1
Reserved
0
WDO Value. This bit reflects the value of the WDO signal (even if WDO is not configured for output).
0: WDO active
1: WDO inactive (default)
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
WDTO
Programmed Timeout Period
01h
WDMSK
Reserved
Serial Port 2
IRQ
Trigger
Enable
Serial Port 1
IRQ
Trigger
Enable
Mouse IRQ
Trigger
Enable
KBD IRQ
Trigger
Enable
02h
WDST
Reserved
WDO
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com