Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 149Page - National Semiconductor (TI) PC87364 Datasheet HTML 150Page - National Semiconductor (TI) PC87364 Datasheet HTML 151Page - National Semiconductor (TI) PC87364 Datasheet HTML 152Page - National Semiconductor (TI) PC87364 Datasheet HTML 153Page - National Semiconductor (TI) PC87364 Datasheet HTML 154Page - National Semiconductor (TI) PC87364 Datasheet HTML 155Page - National Semiconductor (TI) PC87364 Datasheet HTML 156Page - National Semiconductor (TI) PC87364 Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 180 page
background image
9.0 Legacy Functional Blocks (Continued)
151
www.national.com
9.2.3
FDC Bitmap Summary
The FDC supports two system operation modes: PC-AT mode and PS/2 mode (MicroChannel systems). Unless specifically
indicated otherwise, all fields in all registers are valid in both drive modes.
Register
Bits
Offset
Mnemonic
76543210
00h
SRANote 1.
Note 1. Applicable only in PS/2 Mode
IRQ
Pending
Reserved
Step
TRK0
Head Se-
lect
INDEX
WP
Head
Direction
01h
SRBNote 1.
Reserved
Drive
Select 0
Status
WDATA
RDATA
WGATE
MTR1
MTR0
02h
DOR
Motor
Enable 3
Motor
Enable 2
Motor
Enable 1
Motor
Enable 0
DMAEN
Reset
Controller
Drive Select
03h
TDR
Reserved
Tape Drive Select 1,0
TDRNote 2.
Note 2. Applicable only in Enhanced TDR Mode
Reserved
Drive ID Information
Logical Drive
Exchange
Tape Drive Select 1,0
04h
MSR
RQM
Data I/O
Direction
Non-DMA
Execution
Command
in
Progress
Drive 3
Busy
Drive 2
Busy
Drive 1
Busy
Drive 0
Busy
DSR
Software
Reset
Low Power
Reserved
Precompensation Delay Select
Data Transfer Rate
Select
05h
FIFO
Data Bits
07h
DIRNote 3.
Note 3. Applicable only in PC-AT Compatible Mode
DSKCHG
Reserved
DIRNote 1.
DSKCHG
Reserved
DRATE 1,0 Status
High
Density
07h
CCR
Reserved
DRATE1,0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com